Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 30Page - National Semiconductor (TI) LM93 Datasheet HTML 31Page - National Semiconductor (TI) LM93 Datasheet HTML 32Page - National Semiconductor (TI) LM93 Datasheet HTML 33Page - National Semiconductor (TI) LM93 Datasheet HTML 34Page - National Semiconductor (TI) LM93 Datasheet HTML 35Page - National Semiconductor (TI) LM93 Datasheet HTML 36Page - National Semiconductor (TI) LM93 Datasheet HTML 37Page - National Semiconductor (TI) LM93 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
16.0 Registers
16.1 REGISTER WARNINGS
In most cases, reserved registers and register bits return zero when read. This should not be relied upon, since reserved registers
can be used for future expansion of the LM93 functions.
Some registers have “N/D” for their default value. This means that the power-up default of the register is not defined. In the case
of value registers, care should be taken to ensure that software does not read a value register until the associated measurement
function has acquired a measurement. This applies to temperatures, voltages, fan RPM, and PROCHOT monitoring. In the case
of other registers, such as fan control settings, N/D means that software must initialize these registers to ensure they have a
known value before setting the START bit in the LM93 Configuration register.
16.2 REGISTER SUMMARY TABLE
Register Key
Term
Description
N/D
Not Defined
N/A
Not Applicable
R
Read Only
R/W
Read or Write
RWC
Read or Write to Clear
Lock
Register Name
Address
Default
Description
FACTORY REGISTERS
x
XOR Test
00h
00h
Used to set the XOR test tree mode
SMBus Test
01h
N/D
SMBus read/write test register
Reserved
02h-3Dh
N/D
Manufacturer ID
3Eh
01h
Contains manufacturer ID code
Version/Stepping
3Fh
73h
Contains code for major and minor revisions
BMC ERROR STATUS REGISTERS
B_Error Status 1
40h
00h
BMC error status register 1
B_Error Status 2
41h
00h
BMC error register 2
B_Error Status 3
42h
00h
BMC error register 3
B_Error Status 4
43h
00h
BMC error register 4
B_P1_PROCHOT Error Status
44h
00h
BMC error register for P1_PROCHOT
B_P2_PROCHOT Error Status
45h
00h
BMC error register for P2_PROCHOT
B_GPI Error Status
46h
00h
BMC error register for GPIs
B_Fan Error Status
47h
00h
BMC error register for Fans
HOST ERROR STATUS REGISTERS
H_Error Status 1
48h
00h
HOST error status register 1
H_Error Status 2
49h
00h
HOST error register 2
H_Error Status 3
4Ah
00h
HOST error register 3
H_Error Status 4
4Bh
00h
HOST error register 4
H_P1_PROCHOT Error Status
4Ch
00h
HOST error register for P1_PROCHOT
H_P2_PROCHOT Error Status
4Dh
00h
HOST error register for P2_PROCHOT
H_GPI Error Status
4Eh
00h
HOST error register for GPIs
H_Fan Error Status
4Fh
00h
HOST error register for Fans
VALUE REGISTERS
Zone 1 (CPU1) Temp
50h
N/D
Measured value of remote thermal diode temperature channel
1
Zone 2 (CPU2) Temp
51h
N/D
Measured value of remote thermal diode temperature channel
2
Zone 3 (Internal) Temp
52h
N/D
Measured temperature from on-chip sensor
Zone 4 (External Digital) Temp
53h
N/D
Measured temperature from external temperature sensor
Zone 1 (CPU1) Filtered Temp
54h
00h
Filtered value of remote thermal diode temperature channel 1
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com