Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM93 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 33Page - National Semiconductor (TI) LM93 Datasheet HTML 34Page - National Semiconductor (TI) LM93 Datasheet HTML 35Page - National Semiconductor (TI) LM93 Datasheet HTML 36Page - National Semiconductor (TI) LM93 Datasheet HTML 37Page - National Semiconductor (TI) LM93 Datasheet HTML 38Page - National Semiconductor (TI) LM93 Datasheet HTML 39Page - National Semiconductor (TI) LM93 Datasheet HTML 40Page - National Semiconductor (TI) LM93 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
16.0 Registers (Continued)
Lock
Register Name
Address
Default
Description
LIMIT REGISTERS
P2_PROCHOT User Limit
B1h
FFh
User settable limit for P2_PROCHOT
Vccp1 Limit Offsets
B2h
17h
VID offset values for window comparator for CPU1 Vccp
(AD_IN7)
Vccp2 Limit Offsets
B3h
17h
VID offset values for window comparator for CPU2 Vccp
(AD_IN8)
FAN Tach 1 Limit LSB
B4h
FCh
FAN Tach 1 Limit LSB
FAN Tach 1 Limit MSB
B5h
FFh
FAN Tach 1 Limit MSB
FAN Tach 2 Limit LSB
B6h
FCh
FAN Tach 2 Limit LSB
FAN Tach 2 Limit MSB
B7h
FFh
FAN Tach 2 Limit MSB
FAN Tach 3 Limit LSB
B8h
FCh
FAN Tach 3 Limit LSB
FAN Tach 3 Limit MSB
B9h
FFh
FAN Tach 3 Limit MSB
FAN Tach 4 Limit LSB
BAh
FCh
FAN Tach 4 Limit LSB
FAN Tach 4 Limit MSB
BBh
FFh
FAN Tach 4 Limit MSB
SETUP REGISTERS
x
Special Function Control 1
BCh
00h
Controls the hysteresis for voltage limit comparisons. Also
selects filtered or unfiltered temperature usage for temperature
limit comparisons and fan control.
x
Special Function Control 2
BDh
00h
Enables smart tach detection. Also selects 0.5˚C or 1.0˚C
resolution for fan control.
x
GPI / VID Level Control
BEh
00h
Control the input threshold levels for the P1_VIDx, P2_VIDx
and GPIO_x inputs.
x
PWM Ramp Control
BFh
00h
Controls the ramp rate of the PWM duty cycle when
VRDx_HOT is asserted, as well as the ramp rate when
PROCHOT exceeds the user threshold.
x
Fan Boost Hysteresis (Zones 1/2)
C0h
44h
Fan Boost Hysteresis for zones 1 and 2
x
Fan Boost Hysteresis (Zones 3/4)
C1h
44h
Fan Boost Hysteresis for zones 3 and 4
x
Zones 1/2 Spike Smoothing Control
C2h
00h
Configures Spike Smoothing for zones 1 and 2
x
Zones 1/2 MinPWM and Hysteresis
C3h
N/D
Controls MinPWM and hysteresis setting for zones 1 and 2
auto-fan control
x
Zones 3/4 MinPWM and Hysteresis
C4h
N/D
Controls MinPWM and hysteresis setting for zones 3 and 4
auto-fan control
GPO
C5h
00h
Controls the output state of the GPIO pins
PROCHOT Override
C6h
00h
Allows manual assertion of P1_PROCHOT or P2_PROCHOT
PROCHOT Time Interval
C7h
11h
Configures the time window over which the PROCHOT inputs
are measured
x
PWM1 Control 1
C8h
0Fh
Controls PWM control source bindings.
x
PWM1 Control 2
C9h
00h
Controls PWM override and output polarity
x
PWM1 Control 3
CAh
00h
Controls PWM spin-up duration and duty cycle
x
PWM1 Control 4
CBh
00h
Frequency control for PWM1.
x
PWM2 Control 1
CCh
0Fh
Controls PWM control source bindings.
x
PWM2 Control 2
CDh
00h
Controls PWM override and output polarity
x
PWM2 Control 3
CEh
00h
Controls PWM spin-up duration and duty cycle
x
Special FunctionPWM2 Control 4
CFh
00h
Frequency control for PWM2
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com