Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 109 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 109 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 105Page - Cirrus Logic CS89712 Datasheet HTML 106Page - Cirrus Logic CS89712 Datasheet HTML 107Page - Cirrus Logic CS89712 Datasheet HTML 108Page - Cirrus Logic CS89712 Datasheet HTML 109Page - Cirrus Logic CS89712 Datasheet HTML 110Page - Cirrus Logic CS89712 Datasheet HTML 111Page - Cirrus Logic CS89712 Datasheet HTML 112Page - Cirrus Logic CS89712 Datasheet HTML 113Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 170 page
background image
CS89712
DS502PP2
109
3.16.1.6
Right Channel Receive FIFO Interrupt Mask (RCRM)
The Right Channel Receive FIFO interrupt mask (RCRM) bit is used to mask or enable the Right
Channel Receive FIFO service request interrupt. When RCRM = 0, the interrupt is masked and the
state of the Right Channel Receive FIFO service request (RCRS) bit within the DAI status register is
ignored by the interrupt controller. When RCRM = 1, the interrupt is enabled, and whenever RCRS is
set (one), an interrupt request is made to the interrupt controller. Note that programming RCRM = 0
does not affect the current state of RCRS or the Right Channel Receive FIFO logic’s ability to set and
clear RCRS, for it only blocks the generation of the interrupt request.
3.16.2
DAI Data Registers
The DAI contains three data registers: DAIDR0 addresses the top entry of the Right Channel Transmit
FIFO and bottom entry of the Right Channel Receive FIFO; DAIDR1 addresses the top and bottom entry
of the Left Channel Transmit and Receive FIFOs, respectively; and DAIDR2 is used to perform enable and
disable the DAI FIFOs.
3.16.3
DAIDR0 DAI Data Register 0 (address 0x8000.2040)
When DAI Data Register 0 (DAIDR0) is read, the bottom entry of the Right Channel Receive FIFO is
accessed. As data is removed by the DAI’s receive logic from the incoming data frame, it is placed
into the top entry of the Right Channel Receive FIFO and is transferred down an entry at a time until
it reaches the last empty location within the FIFO. Data is removed by reading DAIDR0, which ac-
cesses the bottom entry of the right channel FIFO. After DAIDR0 is read, the bottom entry is invali-
dated, and all remaining values within the FIFO automatically transfer down one location.
When DAIDR0 is written, the top-most entry of the Right Channel Transmit FIFO is accessed. After a
write, data is automatically transferred down to the lowest location within the transmit FIFO which
does not already contain valid data. Data is removed from the bottom of the FIFO one value at a time
by the transmit logic, loaded into the correct position within the 64-bit transmit serial shifter, then se-
rially shifted out onto the SDOUT pin.
Table 59 shows DAIDR0. Note that the Transmit and Receive Right Channel FIFOs are cleared when
the device is reset, or by writing a zero to DAIEN (DAI disabled). Also, note that writes to reserved
bits are ignored and reads return zeros.
31-16
15-0
Reserved
Bottom of Right Channel Receive FIFO
Read Access
31-16
15-0
Reserved
Top of Right Channel Transmit FIFO
Write Access
Bit
Description
0-15
RIGHT CHANNEL DATA: Transmit / Receive Right Channel FIFO Data
Read — Bottom of Right Channel Receive FIFO data
Write — Top of Right Channel Transmit FIFO data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com