Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 111 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 111 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 107Page - Cirrus Logic CS89712 Datasheet HTML 108Page - Cirrus Logic CS89712 Datasheet HTML 109Page - Cirrus Logic CS89712 Datasheet HTML 110Page - Cirrus Logic CS89712 Datasheet HTML 111Page - Cirrus Logic CS89712 Datasheet HTML 112Page - Cirrus Logic CS89712 Datasheet HTML 113Page - Cirrus Logic CS89712 Datasheet HTML 114Page - Cirrus Logic CS89712 Datasheet HTML 115Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 170 page
background image
CS89712
DS502PP2
111
FIFO operation complete bit (FIFO) is set in the DAI status register before writing another value to this
register.
3.16.6
DAISR DAI Status (address 0x8000.2100)
The DAI Status register (DAISR) contains bits which signal FIFO overrun and underrun errors and
FIFO service requests. Each of these conditions signal an interrupt request to the interrupt controller.
The status register also flags when transmit FIFOs are not full, when the receive FIFOs are not empty,
when a FIFO operation is complete, and when the right channel or left channel portion of the CODEC
is enabled (no interrupt generated).
Bits which cause an interrupt signal the interrupt request as long as the bit is set. Once the bit is
cleared, the interrupt is cleared. Read / write bits are called status bits, read-only bits are called flags.
Status bits are referred to as “sticky” (once set by hardware, they must be cleared by software). Writ-
ing a one to a sticky status bit clears it, while writing a zero has no effect. Read-only flags are set and
cleared by hardware, and writes have no effect. Additionally, some bits which cause interrupts have
corresponding mask bits in the control register and are indicated in the section headings below. Note
that the user has the ability to mask all DAI interrupts by clearing the DAI bit within the interrupt con-
troller mask register INTMR3.
Bit
Description
0-14
Reserved
15
FIFOEN: FIFO Transmit Bit
0 — Disable Transmit
1 — Enable Transmit
16-20
FIFO CHANNEL SELECT:
01101b — Left channel select
10001b — Right channel select
21-31
Reserved
Table 61. DAI Data Register 2
31-13
12
11
10
9
8
7
Reserved
FIFO
LCNE
LCNF
RCNE
RCNF
RCCELCRO
65
4
3
2
1
0
RCNFLCTU
LCRORCRO
LCTURCTU
LCRS
LCTS
LCRSRCRS
LCTSRCTS
Bit
Description
0
RCTS: Right Channel Transmit FIFO Service Request Flag (read-only)
0 — Right Channel Transmit FIFO is more than half full (five or more entries filled) or DAI dis-
abled
1 — Right Channel Transmit FIFO is half full or less (four or fewer entries filled) and DAI oper-
ation is enabled, interrupt request signaled if not masked
(if RCTM = 1)
Table 62.
DAI Control, Data and Status Register Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com