Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 154 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 154 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 150Page - Cirrus Logic CS89712 Datasheet HTML 151Page - Cirrus Logic CS89712 Datasheet HTML 152Page - Cirrus Logic CS89712 Datasheet HTML 153Page - Cirrus Logic CS89712 Datasheet HTML 154Page - Cirrus Logic CS89712 Datasheet HTML 155Page - Cirrus Logic CS89712 Datasheet HTML 156Page - Cirrus Logic CS89712 Datasheet HTML 157Page - Cirrus Logic CS89712 Datasheet HTML 158Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 170 page
background image
CS89712
154
DS502PP2
Figure 26. Consecutive Memory Write Cycles with Minimum Wait States
Notes: 1. tnCSWR = 35 nsec at 36.864 MHz, 70 ns at 18.432 MHz
Maximum values for minimum wait states. This time can be extended by integer multiples of the
clock period (27 nsec at 36 MHz or 54 nsec at 18.432 MHz), by either driving EXPRDY low and/or
by programming a number of wait states. EXPRDY is sampled on the falling edge of EXPCLK
before the data transfer. If low at this point, the transfer is delayed by one clock period where
EXPRDY is sampled again. EXPCLK need not be referenced when driving EXPRDY, but is shown
for clarity.
2. Consecutive reads with sequential access enabled are identical except that the sequential access
wait state field is used to determine the number of wait states, and no idle cycles are inserted
between successive non-sequential ROM/expansion cycles. This improves performance so the
SQAEN bit should always be set where possible.
3. Zero wait states for sequential writes is not permitted for memory devices which use nMWE pin, as
this cannot be driven with valid timing under zero wait state conditions.
tnCSWR
tADWR
t5
t6
t2
t7
t2
Bus held
Write data
Write data
eXPCLK
nCS[5:0]
nMWE
A[27:0]
WORD
D[31:0]
nEXPRDY
t8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com