Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 152 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 152 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 148Page - Cirrus Logic CS89712 Datasheet HTML 149Page - Cirrus Logic CS89712 Datasheet HTML 150Page - Cirrus Logic CS89712 Datasheet HTML 151Page - Cirrus Logic CS89712 Datasheet HTML 152Page - Cirrus Logic CS89712 Datasheet HTML 153Page - Cirrus Logic CS89712 Datasheet HTML 154Page - Cirrus Logic CS89712 Datasheet HTML 155Page - Cirrus Logic CS89712 Datasheet HTML 156Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 170 page
background image
CS89712
152
DS502PP2
tNCSRD
t3
tPCSRD
t4
t3
tADRD
t4
t5
t6
t1
Data in
Bus held
Data in
eXPCLK
nCS[5:0]
nMOE
A[27:0]
WORD
D[31:0]
eXPRDY
Figure 24. Consecutive Memory Read Cycles with Minimum Wait States
Notes: 1. tnCSRD = 50 ns at 36.864 MHz
70 ns at 18.432 MHz
Maximum values for minimum wait states. This time can be extended by integer multiples of the clock
period (27 ns at 36 MHz or 54 ns at 18.432 MHz), by either driving EXPRDY low and/or by
programming a number of wait states. EXPRDY is sampled on the falling edge of EXPCLK before
the data transfer. If low at this point, the transfer is delayed by one clock period where EXPRDY is
sampled again. EXPCLK need not be referenced when driving EXPRDY, but is shown for clarity.
2. Consecutive reads with sequential access enabled are identical except that the sequential access
wait state field is used to determine the number of wait states, and no idle cycles are inserted
between successive non-sequential ROM/expansion cycles. This improves performance so the
SQAEN bit should always be set where possible.
3.
tnCSRD = tADRD = tPCSRD
4. When the CS89712 device implements consecutive reads(e.g., use of the LDM instruction),
regardless of the state of the SQAEN bit, the signals nMOE and nCSx will always remain low through
the entire multi-read access. They will not toggle in-between each different address access. In order
to have these signals toggle, single access read instructions (e.g., LDR) must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com