Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 148 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 148 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 144Page - Cirrus Logic CS89712 Datasheet HTML 145Page - Cirrus Logic CS89712 Datasheet HTML 146Page - Cirrus Logic CS89712 Datasheet HTML 147Page - Cirrus Logic CS89712 Datasheet HTML 148Page - Cirrus Logic CS89712 Datasheet HTML 149Page - Cirrus Logic CS89712 Datasheet HTML 150Page - Cirrus Logic CS89712 Datasheet HTML 151Page - Cirrus Logic CS89712 Datasheet HTML 152Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 170 page
background image
CS89712
148
DS502PP2
DC CHARACTERISTICS (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Input capacitance
CIN
8
10.0
pF
Output capacitance
COUT
8
10.0
pF
Transceiver capacitance
CI/O
8
10.0
pF
Startup current consumption
IDDstartup
TBD
µA
Initial 100 ms
from power up,
Cache disabled,
32 kHz oscilla-
tor not stable,
POR signal at
VIL, all other I/O
static, VIH = VDD
± 0.1 V, VIL =
GND ± 0.1 V
Standby current consumption
Core, Osc, RTC @2.5 V, I/O @ 3.3 V
IDDstandby
TBD
TBD
µA
Just 32 kHz
oscillator run-
ning, Cache dis-
abled, all other
I/O static, VIH =
VDD ± 0.1 V, VIL
= GND ± 0.1 V
Snooze current consumption
IDDsnooze
TBD
mA
Both oscillators
running, CPU
static, LCD from
oc-SRAM.
Idle current consumption
IDDidle
TBD
mA
Both oscillators
running, CPU
static, Cache
disabled, LCD
refresh active,
VIH = VDD ±
0.1 V, VIL =
GND ± 0.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com