Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 147 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 147 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 143Page - Cirrus Logic CS89712 Datasheet HTML 144Page - Cirrus Logic CS89712 Datasheet HTML 145Page - Cirrus Logic CS89712 Datasheet HTML 146Page - Cirrus Logic CS89712 Datasheet HTML 147Page - Cirrus Logic CS89712 Datasheet HTML 148Page - Cirrus Logic CS89712 Datasheet HTML 149Page - Cirrus Logic CS89712 Datasheet HTML 150Page - Cirrus Logic CS89712 Datasheet HTML 151Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 170 page
background image
CS89712
DS502PP2
147
6. ELECTRICAL/THERMAL INFO
6.1 Absolute Maximum Ratings
RECOMMENDED OPERATING CONDITIONS
6.2 DC Characteristics
All characteristics are specified at VDD = 3.3 volts and VSS = 0 volts over an operating temperature of 0° C to
+70° C for all frequencies of operation. The current consumption figures relate to typical conditions at 2.5 V core,
3.3V I/O, 18.432 MHz operation with the PLL enabled.
Notes: 1. The leakage value given assumes that the pin is configured as an input pin but is not currently being driven. An
input pin not driven will have a maximum leakage of 1
µA. When the pin is driven, there will be no leakage.
2.
Assumes buffer has no pull-up or pull-down resistors.
3. The leakage value given assumes that the pin is configured as an output pin but is not currently being
driven. An output pin not driven will have leakage between 25 µA and 100 µA. When the pin is driven,
there will be no leakage. Note that this applies to all output pins and all I/O pins configured as outputs.
DC Core, PLL, and RTC Supply Voltage
2.9 V
DC I/O Supply Voltage (Pad Ring)
3.6 V
DC Pad Input Current
±10 mA/pin; ±100 mA cumulative
Storage Temperature, No Power
–40
°C to +125°C
DC core, PLL, and RTC Supply Voltage
2.5 V
± 0.2 V
DC I/O Supply Voltage (Pad Ring)
3.3V
± 0.165 V
DC Input / Output Voltage
0V – I/O supply voltage
Operating Temperature
Commercial 0
°C to +70°C
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
CMOS input high voltage
VIH
1.7
VDD +
0.3
VVDDC = 2.5 V
VDDIO = 3.3 V
CMOS input low voltage
VIL
-0.3
0.8
V
VDDC = 2.5 V
VDDIO = 3.3 V
Schmitt trigger negative going threshold
VT-
0.8
1.2
(Typ)
V
Schmitt trigger hysteresis
Vhst
0.1
0.4
V
VIL to VIH
CMOS output high voltage
Output drive 1
Output drive 2
VOH
VDD –
0.2
2.5
2.5
V
V
V
IOH = 0.1 mA
OH = 4 mA
OH = 12 mA
CMOS output low voltage
Output drive 1
Output drive 2
VOL
0.3
0.5
0.5
V
V
V
IOL = –0.1 mA
OL = –4 mA
OL = –12 mA
Input leakage current
(Note 1)
IIN
10.0
µA
VIN = VDD or GND
Output tri-state leakage current
(Notes 2 and 3)
IOZ
25
100
µA
VOUT = VDD or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com