Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 144 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 144 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 140Page - Cirrus Logic CS89712 Datasheet HTML 141Page - Cirrus Logic CS89712 Datasheet HTML 142Page - Cirrus Logic CS89712 Datasheet HTML 143Page - Cirrus Logic CS89712 Datasheet HTML 144Page - Cirrus Logic CS89712 Datasheet HTML 145Page - Cirrus Logic CS89712 Datasheet HTML 146Page - Cirrus Logic CS89712 Datasheet HTML 147Page - Cirrus Logic CS89712 Datasheet HTML 148Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 170 page
background image
CS89712
144
DS502PP2
Notes: 1. All deglitched inputs are via the 16.384 kHz clock. Each deglitched signal must be held active for at least
two clock periods. Therefore, the input signal must be active for at least ~125
µs to be detected cleanly.
2. The RTC crystal must be populated for the device to function properly.
Oscillators
MOSCIN
MOSCOUT
RTCIN
RTCOUT
G9
H9
R1
R2
I
O
I
O
Main 3.6864 MHz oscillator for 18.432 MHz–73.728 MHz PLL
Real-Time Clock 32.768 kHz oscillator
Ethernet
EEPROM
EECS
A6
O
EEPROM Chip Select - Active-high EEPROM select.
EESK
B6
O
EEPROM Serial Clock - clocks data in/out of the EEPROM.
EEDataOut
A5
O
EEPROM Data Out - used to send data to the EEPROM. Con-
nects to the DI pin on the EEPROM. When TEST is low, this
pin becomes the output for the Boundary Scan Test.
EEDataIn
B5
I
EEPROM Data In - serial input used to receive data from the
EEPROM. Connects to the DO pin on the EEPROM.
EEDataIn is also used to sense the presence of the EEPROM.
This signal has a weak internal pullup.
10BASE-T
Interface
TXD+/TXD-
A16,
A15
O
10BASE-T Transmit, Differential Output Pair - drives 10 Mb/s
Manchester-encoded data to the 10BASE-T transmit pair.
RXD+/RXD-
A12,
A11
I
10BASE-T Receive, Differential Input Pair - Differential input
pair receives 10 Mb/s Manchester-encoded data from the
10BASE-T receive pair.
General
Ethernet Pins
RES
A10
I
Reference Resistor, Input - This input should be connected
to a 4.99KW ± 1% resistor needed for biasing of internal ana-
log circuits.
XTAL[1:2]
A8, A7
Crystal, Input/Output - A 20 MHz crystal should be con-
nected to these pins. If a crystal is not used, a 20 MHz signal
should connect to XTAL1 and XTAL2 should be left open.
LINKLED or
HC0
B9
O
Link Good LED or software Controlled Output 0, Open
Drain Output- When the HCE0 bit of the Self Control register
(Register 15) is clear, this active-low output is low when the
CS89712 detects the presence of valid link pulses. When the
HC0E bit is set, the software may drive this pin low by setting
the HCBO in the Self Control register.
LANLED
B8
O
LAN Activity LED, Open Drain Output - During normal oper-
ation, this active-low output goes low for 6 ms whenever there
is a receive packet, a transmit packet, or a collision.
No Connects
N/C
No connects should be left as no connects; do not connect to ground
Function
Signal
Name
Signal
Description
Table 90. External Signal Functions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com