Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 141 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 141 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 137Page - Cirrus Logic CS89712 Datasheet HTML 138Page - Cirrus Logic CS89712 Datasheet HTML 139Page - Cirrus Logic CS89712 Datasheet HTML 140Page - Cirrus Logic CS89712 Datasheet HTML 141Page - Cirrus Logic CS89712 Datasheet HTML 142Page - Cirrus Logic CS89712 Datasheet HTML 143Page - Cirrus Logic CS89712 Datasheet HTML 144Page - Cirrus Logic CS89712 Datasheet HTML 145Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 170 page
background image
CS89712
DS502PP2
141
5.2 External Signal Functions
Function
Signal
Name
Signal
Description
Data bus
D[0-31]
I/O
32-bit system data bus for memory, DRAM, and I/O interface
Address bus
A[0-14]
O
15 bits of system byte address during memory and expansion cycles
A[13-27]
DRA[0-14]
DRA[0-14] is multiplexed with A[13-27], offering additional power sav-
ings since the lightest loading is expected on the high order ROM
address lines.
Whenever the CS89712 is in the Standby State, the external address
and data buses are driven low. The RUN signal is used internally to
force these buses to be driven low. This is done to prevent peripher-
als that are powered-down from draining current. Also, the internal
peripheral’s signals get set to their Reset State.
Memory
Interface
BA[0-1]/A[13/14]
I/O
SDRAM bank select pins.
SDCS[0-1]
A2, E3
O
SDRAM chip selects.
SDCLK
E2
O
SDRAM clock.
SDCKE
D2
O
SDRAM clock enable.
SDQM[2-3]
C2, B2
SDRAM byte masks. SDQM0-1 are muxed with Port D data pins.
nMOE/nSDCAS
D16
O
Memory output enable/SDRAM CAS control signal
nMWE/nSDWE
E10
O
Memory write enable/SDRAM write enable control signal
nCS[0-1, 3]
A1, B1,
C1
O
Chip select; active low, SRAM-like chip selects for expansion
Ethernet Enable
/ nCS2
G12,
H13
O
Chip select; active low, indicates either Ethernet port or CS2 expan-
sion range activity. Pins G12 and H13 must be tied together.
nCS[4-5]
D1, F2
O
Chip select; active low, CS for expansion or for CL-PS6700 select
EXPRDY
G3
I
Expansion port ready; external expansion devices drive this low to
extend the bus cycle. This is used to insert wait states for an external
bus cycle.
WRITE
G1
O
Write strobe, low during reads, high during writes from the CS89712
WORD/
HALFWORD
F1
T15
O
To do write accesses of different sizes Word and Half-Word must be
externally decoded. The encoding of these signals is as follows:
EXPCLK
E1
I/O
Expansion clock rate is the same as the CPU clock for 18 MHz. It
runs at 36.864 MHz for 36,49 and 74 MHz modes.
Interrupts
nMEDCHG/
nBROM
J12
I
Media changed input; active low, deglitched. Used as a general pur-
pose FIQ interrupt during normal operation. It is also used on power
up to configure the processor to either boot from the internal Boot
ROM, or from external memory. When low, the chip will boot from the
internal Boot ROM.
nEXTFIQ
N4
I
External active low fast interrupt request input
nEINT[1:2]
N2, P1
I
Two general purpose, active low interrupt inputs
Table 90. External Signal Functions
Access Size
Word
Half-Word
Word
1
0
Half-Word
*
1
Byte
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com