Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 137 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 137 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 133Page - Cirrus Logic CS89712 Datasheet HTML 134Page - Cirrus Logic CS89712 Datasheet HTML 135Page - Cirrus Logic CS89712 Datasheet HTML 136Page - Cirrus Logic CS89712 Datasheet HTML 137Page - Cirrus Logic CS89712 Datasheet HTML 138Page - Cirrus Logic CS89712 Datasheet HTML 139Page - Cirrus Logic CS89712 Datasheet HTML 140Page - Cirrus Logic CS89712 Datasheet HTML 141Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 170 page
background image
CS89712
DS502PP2
137
4.1.3
Debug / ICE Test Mode
This mode is selected by nTEST0 = 0, nTEST1 =
0, Latched nURESET = 1.
Selection of this mode enables the debug mode of
the ARM720T. By default, this is disabled which
saves approximately 3% on power.
4.1.4
Hi-Z (System) Test Mode
This mode selected by nTEST0 = 0, nTEST1 = 0,
Latched nURESET = 0.
This test mode asynchronously disables all output
buffers on the CS89712. This has the effect of re-
moving the CS89712 from the PCB so that other
devices on the PCB can be in-circuit tested. The in-
ternal state of the CS89712 is not altered directly
by this test mode.
4.1.5
Software Selectable Test Function-
ality
When bit 11 of the SYSCON register is set high, in-
ternal peripheral bus register accesses are output on
the main address and data buses as though they
were external accesses to the address space ad-
dressed by nCS[5]. Hence, nCS[5] takes on a dual
role, it will be active as the strobe for internal ac-
cesses and for any accesses to the standard address
range for nCS[5]. Additionally, in this mode, the
internal signals shown in Table 87 are multiplexed
out of the device on port pins.
This test is not intended to be used when LCD
DMA accesses are enabled. This is due to the fact
that it is possible to have internal peripheral bus ac-
tivity simultaneously with a DMA transfer. This
would cause bus contention to occur on the external
bus.
The “Waited clock to CPU” is an internally ANDed
source that generates the actual CPU clock. Thus, it
is possible to know exactly when the CPU is being
clocked by viewing this pin. The signals nFIQ and
nIRQ are the two output signals from the internal
interrupt controller. They are input directly into the
ARM720T processor.
Signal
I/O
Pin
Function
TSEL *
I
PA5
PLL test mode
XTLON *
I
PA4
Enable to oscillator circuit
PLLON *
I
PA3
Enable to PLL circuit
PLLBP
I
PA0
Bypasses PLL
RTCCLK
O
COL0
Output of RTC oscillator
CLK1
O
COL1
1 Hz clock from RTC divider chain
OSC36
O
COL2
36 MHz divided PLL main clock
CLK576K
O
COL4
576 KHz divided from above
VREF
O
COL6
Test clock output for PLL
Table 86. Oscillator and PLL Test Mode Signals
Signal
I/O
Pin
Function
CLK
O
PE0
Waited clock to CPU
nFIQ
O
PE1
nFIQ interrupt to CPU
nIRQ
O
PE2
nIRQ interrupt to CPU
Table 87. Software Selectable Test Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com