Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 139 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 139 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 135Page - Cirrus Logic CS89712 Datasheet HTML 136Page - Cirrus Logic CS89712 Datasheet HTML 137Page - Cirrus Logic CS89712 Datasheet HTML 138Page - Cirrus Logic CS89712 Datasheet HTML 139Page - Cirrus Logic CS89712 Datasheet HTML 140Page - Cirrus Logic CS89712 Datasheet HTML 141Page - Cirrus Logic CS89712 Datasheet HTML 142Page - Cirrus Logic CS89712 Datasheet HTML 143Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 170 page
background image
CS89712
DS502PP2
139
3) The EmbeddedICE interface, which provides
communication between the host computer and
the EmbeddedICE macrocell
The EmbeddedICE macrocell is programmed, in a
serial fashion, through the TAP controller on the
ARM via the JTAG interface. The EmbeddedICE
macrocell is by default disabled to minimize power
usage, and must be enabled at boot-up to support
this functionality.
4.2.2
Functionality
The ICEBreaker module consists of two real-time
watchpoint units together with a control and status
register. One or both of the units can be pro-
grammed to halt the execution of the instructions
by the ARM processor. Execution is halted when
either a match occurs between the values pro-
grammed into the ICEBreaker and the values cur-
rently appearing on the address bus, data bus, and
the various control signals. Any bit can be masked
to remove it from the comparison. Either unit can
be programmed as a watchpoint (monitoring data
accesses) or a breakpoint (monitoring instruction
fetches).
Using one of these watchpoint units, an unlimited
number of software breakpoints (in RAM) can be
supported by substitution of the actual code.
Note:
The EXTERN[1:0] signals from the ICEBreaker
module are not wired out in this device. This
mechanism is used to allow watchpoints to be
dependent on an external event. This behavior
can be emulated in software via the ICEBreaker
control registers.
A more detailed description is available in the
ARM Software Development Toolkit User Guide
and Reference Manual. The ICEBreaker module
and its registers are fully described in the
“ARM7TDMI” Data Sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com