Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 162 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 162 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 158Page - Cirrus Logic CS89712 Datasheet HTML 159Page - Cirrus Logic CS89712 Datasheet HTML 160Page - Cirrus Logic CS89712 Datasheet HTML 161Page - Cirrus Logic CS89712 Datasheet HTML 162Page - Cirrus Logic CS89712 Datasheet HTML 163Page - Cirrus Logic CS89712 Datasheet HTML 164Page - Cirrus Logic CS89712 Datasheet HTML 165Page - Cirrus Logic CS89712 Datasheet HTML 166Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 170 page
background image
CS89712
162
DS502PP2
6.4 I/O Buffer Strength & Characteristics
All I/O buffers on the CS89712 are CMOS thresh-
old input bidirectional buffers except the oscillator
and power pads. For signals that are nominally in-
puts, the output buffer is only enabled during pin
test mode. All output buffers are three stated during
system (hi-Z) test mode. All buffers have a stan-
dard CMOS threshold input stage (apart from the
Schmitt-triggered inputs) and CMOS slew-rate-
controlled output stages to reduce system noise.
Table 92 defines the I/O buffer output characteris-
tics which will apply across the full range of tem-
perature and voltage (i.e., these values are for
3.3 V, +70
° C).
All propagation delays are specified at 50% VDD to
50% VDD, all rise times are specified as 10% VDD
to 90% VDD and all fall times are specified as 90%
VDD to 10% VDD.
Buffer Type
Drive Current
Propagation
Delay (Max)
Rise Time
(Max)
Fall Time
(Max)
Load
Address outputs
±12 mA
5
6
6
50 pF
Non-address outputs
±4 mA
7
14
14
50 pF
Table 92. I/O Buffer Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com