Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712 Datasheet(PDF) 165 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 165 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 161Page - Cirrus Logic CS89712 Datasheet HTML 162Page - Cirrus Logic CS89712 Datasheet HTML 163Page - Cirrus Logic CS89712 Datasheet HTML 164Page - Cirrus Logic CS89712 Datasheet HTML 165Page - Cirrus Logic CS89712 Datasheet HTML 166Page - Cirrus Logic CS89712 Datasheet HTML 167Page - Cirrus Logic CS89712 Datasheet HTML 168Page - Cirrus Logic CS89712 Datasheet HTML 169Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 170 page
background image
CS89712
DS502PP2
165
Units of Measurement
General Conventions
Hexadecimal numbers are presented with all letters
in uppercase and a lowercase “h” appended or with
a 0x at the beginning, for example, 0x14 and
03CAh. Binary numbers are enclosed in single
quotation marks when in text (for example, ‘11’
designates a binary number). Numbers not indicat-
ed by an “h”, 0x or quotation marks are decimal.
Registers are referred to by acronym, as listed in
the tables on the previous page, with bits listed in
brackets MSB-to-LSB separated by a colon (:) (for
example, CODR[7:0]), or LSB-to-MSB separated
by a hyphen (for example, CODR[0–2]).
“TBD” indicates values “to be determined,” “n/a”
designates “not available”, “n/c” indicates a “no
connect. pin” and “dc” means “don’t care”.
Ethernet port Definitions
•
Act-Once bit
Causes the Ethernet port to take a certain action
once when the bit is set. To cause the action
again, the software must rewrite a "1".
•
Committed Receive Frame
A receive frame is "committed" after the frame
has been buffered by the Ethernet port, and a re-
ceive interrupt has been generated.
•
Committed Transmit Frame
A transmit frame is "committed" after software
has issued a Transmit Command, and the Ether-
net port has reserved buffer space and notified
the software that it is ready for transmit.
•
Cyclic Redundancy Check
The method used to compute the 32-bit frame
check sequence.
•
Event or Interrupt Event
Refers to something that can trigger an inter-
rupt. Items that are considered "Events" are re-
ported in the three Event registers (RxEvent,
TxEvent, or BufEvent) and in two counter-
overflow bits (RxMISS and TxCOL).
•Frame
The portion of a packet from the DA to the
FCS. This includes the Destination Address
(DA), Source Address (SA), Length field, Data
field, pad bits (if necessary), and Frame Check
Sequence (FCS, also called CRC). "Frame da-
ta" refers to all data from the DA to the FCS to
be transmitted, or that has been received.
•
Frame Check Sequence
The 32-bit field at the end of a frame that con-
tains the cyclic redundancy check result.
•
Individual Address
The specific Ethernet address assigned to a de-
vice attached to the Ethernet media.
Symbol
Unit of Measure
°C
degree Celsius
Hz
hertz (cycle per second)
kbits/s
kilobits per second
kbyte
kilobyte (1,024 bytes)
kHz
kilohertz
k
Ω
kilohm
Mbps
megabits (1,048,576 bits) per second
Mbyte
megabyte (1,048,576 bytes)
MHz
megahertz (1,000 kilohertz)
µA
microampere
µFmicrofarad
µWmicrowatt
µs
microsecond (1,000 nanoseconds)
mA
milliampere
mW
milliwatt
ms
millisecond (1,000 microseconds)
ns
nanosecond
Vvolt
Wwatt
Table 94. Units of Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com