Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 133 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 133 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 129Page - National Semiconductor (TI) PC87373 Datasheet HTML 130Page - National Semiconductor (TI) PC87373 Datasheet HTML 131Page - National Semiconductor (TI) PC87373 Datasheet HTML 132Page - National Semiconductor (TI) PC87373 Datasheet HTML 133Page - National Semiconductor (TI) PC87373 Datasheet HTML 134Page - National Semiconductor (TI) PC87373 Datasheet HTML 135Page - National Semiconductor (TI) PC87373 Datasheet HTML 136Page - National Semiconductor (TI) PC87373 Datasheet HTML 137Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 174 page
background image
11.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
133
www.national.com
Revision 1.1
When in UART mode, the MIDI Port responds to commands given by the host as follows:
q
A command of FFh returns the MIDI Port to Pass-Thru mode, and resets it to its initial state.
q
All other commands, issued while the MIDI Port is in UART mode, are ignored.
When switching from UART mode to Pass-Thru mode, any data previously stored in the Receive FIFO is lost, unless the
FIFO is enabled for Pass-Thru mode.
As in Pass-Thru mode, if a command is issued to the MIDI Port while the MIDI Communication Engine is in the middle of a
byte transfer, the execution of the command and the response are postponed until the current byte transfer is completed.
The MIDI commands supported by the MIDI Port and their respective responses are listed in Table 49.
After each MIDI Port operation in UART mode, the MSTAT register is updated accordingly.
Table 49. MIDI Commands Supported by the MIDI Port
11.2.7 MIDI Port Status Flags
The status of the various functional units of the MIDI Port is reflected by the MSTAT register. This register is functional in
both Pass-Thru and UART modes. Some of the status indications provided by the MSTAT register are not included in the
Legacy definition of the MIDI Port. These indications can be ignored if they are not required by the software.
The following status flags are included in the Legacy definition of the MIDI Port:
q
Receive Buffer Empty
q
Transmit Buffer Full
The Receive Buffer Empty flag is reflected by bit 7 of the MSTAT register. The Transmit Buffer Full flag is reflected by bit 6
of the MSTAT register. When operating in UART mode, these bits reflect the status of the Receive and Transmit FIFOs.
The Receive Buffer Empty status flag is cleared to 0 also when an acknowledge byte is put by the MIDI Port itself following
a MIDI command.
The values of these bits are set by the MIDI Port hardware and are not affected by reading the MSTAT register.
The following status indications are provided by the MIDI Port, although they are not included in the Legacy definition of the
MIDI Port:
q
Receive FIFO Full
q
Transmit FIFO Empty
q
Receive Overrun Error
q
MIDI Port Operation Mode
Command
MIDI Port Response
Pass-Thru Mode
UART Mode
3Fh
Enter UART mode
FEh (Acknowledge)
Ignored
A0h-A7h, ABh
FEh (Acknowledge)
00h
Ignored
ACh
FEh (Acknowledge)
15h
Ignored
ADh
FEh (Acknowledge)
01h
Ignored
AFh
FEh (Acknowledge)
64h
Ignored
FFh
MIDI Port Reset
FEh (Acknowledge)
Enter Pass-Thru Mode
MIDI Port Reset
Others
FEh (Acknowledge)
Ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com