Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 132Page - National Semiconductor (TI) PC87373 Datasheet HTML 133Page - National Semiconductor (TI) PC87373 Datasheet HTML 134Page - National Semiconductor (TI) PC87373 Datasheet HTML 135Page - National Semiconductor (TI) PC87373 Datasheet HTML 136Page - National Semiconductor (TI) PC87373 Datasheet HTML 137Page - National Semiconductor (TI) PC87373 Datasheet HTML 138Page - National Semiconductor (TI) PC87373 Datasheet HTML 139Page - National Semiconductor (TI) PC87373 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 174 page
background image
11.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
136
www.national.com
Revision 1.1
11.3 MIDI PORT REGISTERS
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
11.3.1 MIDI Port Register Map
The following table lists the MIDI Port registers. For the MIDI Port register bitmap, see Section 11.4 on page 139. The MIDI
Port registers are VDD3 powered.
11.3.2 MIDI Data In Register (MDI)
This read register is used for reading data received by the MIDI Port and for reading status information returned by the MIDI
Port in response to a previously issued command. When the FIFOs of the MIDI Port are enabled, reading from this offset
returns the next byte taken out of the Receive FIFO.
Power Well: VDD3
Location:
Offset 00h
Type:
R
11.3.3 MIDI Data Out Register (MDO)
This write register is used for writing data to be transmitted by the MIDI Port. When the FIFOs of the MIDI Port are enabled,
writing to this offset puts the data byte into the Transmit FIFO.
Power Well: VDD3
Location:
Offset 00h
Type:
W
Table 50. MIDI Port Register Map
Offset
Mnemonic
Register Name
Type
Power Well Section
00h
MDI
MIDI Data In
RVDD3
11.3.2
00h
MDO
MIDI Data Out
WVDD3
11.3.3
01h
MSTAT
MIDI Status
RVDD3
11.3.4
01h
MCOM
MIDI Command
WVDD3
11.3.5
02h
MCNTL
MIDI Control
R/W
VDD3
11.3.6
03h
Reserved
Bit
76543210
Name
Data In
Reset
XXXXXXXX
Bit
76543210
Name
Data Out
Reset
XXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com