Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 135Page - National Semiconductor (TI) PC87373 Datasheet HTML 136Page - National Semiconductor (TI) PC87373 Datasheet HTML 137Page - National Semiconductor (TI) PC87373 Datasheet HTML 138Page - National Semiconductor (TI) PC87373 Datasheet HTML 139Page - National Semiconductor (TI) PC87373 Datasheet HTML 140Page - National Semiconductor (TI) PC87373 Datasheet HTML 141Page - National Semiconductor (TI) PC87373 Datasheet HTML 142Page - National Semiconductor (TI) PC87373 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 174 page
background image
11.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
139
www.national.com
Revision 1.1
11.4 MIDI PORT BITMAP
0
R/W
Rx FIFO Enable for Pass-Thru Mode. When this bit is enabled, the Receive FIFO is enabled in Pass-
Thru mode. This bit is ignored in UART mode.
0: Disabled
1: Enabled (default)
Table 51. MIDI Port Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
MDI
Data In
00h
MDO
Data Out
01h
MSTAT
Rx Buffer
Empty
Tx Buffer
Full
Rx Buffer
Full
MIDI Port
Operation
Mode
Rx
Overrun
Error
Tx FIFO
Empty
Reserved
01h
MCOM
Command Byte
02h
MCNTL
Loopback
Mode
Enable
MIDI Thru
Enable
Reserved
Pass-Thru
Transmit
Enable
Rx Data
Ready
Interrupt
Enable
MDTX Pin
Masking
Enable
Tx Buffer
Empty
Interrupt
Enable
Rx FIFO
Enable for
Pass-Thru
Mode
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com