Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 133Page - National Semiconductor (TI) PC87373 Datasheet HTML 134Page - National Semiconductor (TI) PC87373 Datasheet HTML 135Page - National Semiconductor (TI) PC87373 Datasheet HTML 136Page - National Semiconductor (TI) PC87373 Datasheet HTML 137Page - National Semiconductor (TI) PC87373 Datasheet HTML 138Page - National Semiconductor (TI) PC87373 Datasheet HTML 139Page - National Semiconductor (TI) PC87373 Datasheet HTML 140Page - National Semiconductor (TI) PC87373 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 174 page
background image
11.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
137
www.national.com
Revision 1.1
11.3.4 MIDI Status Register (MSTAT)
This read register provides status information regarding the functional blocks of the MIDI Port.
Power Well: VDD3
Location:
Offset 01h
Type:
R
Bit
76543210
Name
Rx Buffer
Empty
Tx Buffer
Full
Rx FIFO Full
MIDI Port
Operation
Mode
Rx Overrun
Error
Tx FIFO Not
Empty
Reserved
Reset
10000000
Bit
Description
7
Rx Buffer Empty. When set to 1, this bit indicates that either the Receive buffer (in Pass-Thru mode) or the
FIFO (in UART mode) is empty. When set to 0, it indicates that the Receive buffer or FIFO contains data that
can be read via the MDI register.
0: Not empty
1: Empty (default)
6
Tx Buffer Full. When set to 1, this bit indicates that the Transmit Buffer or FIFO cannot accept any more data.
When set to 0, it indicates that the Transmit Buffer or FIFO can accept more data written to the MDO register.
0: Not full (default)
1: Full
5
Rx FIFO Full. When set to 1, this bit indicates that the Receive FIFO cannot accept any more received data
bytes. When set to 0, it indicates that the Receive FIFO can accept more received data bytes. This bit is forced
to 0 when the FIFOs are disabled.
0: Not full or disabled (default)
1: Full
4
MIDI Port Operation Mode. When set to 1, this bit indicates that the MIDI Port is currently operating in UART
mode. When set to 0, it indicates that the MIDI Port is currently operating in Pass-Thru (non-UART) mode.
0: Pass-Thru mode (default)
1: UART mode
3
Rx Overrun Error. This bit is cleared to 0 when the MSTAT register is read. An overrun error is defined as the
state in which one or more data bytes were received by the MIDI Port while the Receive Buffer, or FIFO, was
full.
0: No overrun error (default)
1: Overrun error
2
Tx FIFO Not Empty. This bit is forced to 0 when the FIFOs are disabled.
0: Empty or disabled (default)
1: Not empty
1-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com