Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 134Page - National Semiconductor (TI) PC87373 Datasheet HTML 135Page - National Semiconductor (TI) PC87373 Datasheet HTML 136Page - National Semiconductor (TI) PC87373 Datasheet HTML 137Page - National Semiconductor (TI) PC87373 Datasheet HTML 138Page - National Semiconductor (TI) PC87373 Datasheet HTML 139Page - National Semiconductor (TI) PC87373 Datasheet HTML 140Page - National Semiconductor (TI) PC87373 Datasheet HTML 141Page - National Semiconductor (TI) PC87373 Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 174 page
background image
11.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
138
www.national.com
Revision 1.1
11.3.5 MIDI Command Register (MCOM)
This write register is a port via which commands are issued by the host to the MIDI Port.
Power Well: VDD3
Location:
Offset 01h
Type:
W
11.3.6 MIDI Control Register (MCNTL)
This register controls enhanced MIDI functions.
Power Well: VDD3
Location:
Offset 02h
Type:
R/W
Bit
76543210
Name
Command Byte
Reset
XXXXXXXX
Bit
76543210
Name
Loopback
Mode
Enable
MIDI Thru
Enable
Reserved
Pass-Thru
Transmit
Enable
Rx Data
Ready
Interrupt
Enable
MDTX Pin
Masking
Enable
Tx Buffer
Empty
Interrupt
Enable
Rx FIFO
Enable for
Pass-Thru
Mode
Reset
00001001
Required
0
Bit
Type
Description
7
R/W
Loopback Mode Enable. When this bit is enabled, the MIDI Receive signal is internally connected to
the MIDI Transmit signal.
0: Disabled (default)
1: Enabled
6
R/W
MIDI Thru Enable. When this bit is enabled, the MDRX pin is internally connected to the MDTX pin,
which then reflects the MIDI Receive signal. When this bit is disabled, the MDTX pin is driven with data
coming from the MIDI Port transmit engine.
0: Disabled (default)
1: Enabled
5-
Reserved. Must be 0.
4
R/W
Pass-Thru Transmit Enable. When this bit is enabled, data is transmitted in Pass-Thru (non-UART)
mode.
0: Disabled (default)
1: Enabled
3
R/W
Rx Data Ready Interrupt Enable. When this bit is enabled, an interrupt request is asserted in
response to a Receive Data Ready event.
0: Disabled
1: Enabled (default)
2
R/W
MDTX Pin Masking Enable. When this bit is enabled, the MDTX pin is constantly driven high by the
MIDI Port. When disabled, MDTX serves as the MIDI Port transmit line.
0: Disabled (default)
1: Enabled
1
R/W
Tx Buffer Empty Interrupt Enable. When this bit is enabled, an interrupt request is asserted in
response to a Transmit Buffer Empty event.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com