Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 162 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 162 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 158Page - Cirrus Logic WM8281ECS/R Datasheet HTML 159Page - Cirrus Logic WM8281ECS/R Datasheet HTML 160Page - Cirrus Logic WM8281ECS/R Datasheet HTML 161Page - Cirrus Logic WM8281ECS/R Datasheet HTML 162Page - Cirrus Logic WM8281ECS/R Datasheet HTML 163Page - Cirrus Logic WM8281ECS/R Datasheet HTML 164Page - Cirrus Logic WM8281ECS/R Datasheet HTML 165Page - Cirrus Logic WM8281ECS/R Datasheet HTML 166Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 392 page
background image
WM8281
162
Rev 4.0
AIF TDM AND TRI-STATE CONTROL
The AIFn output pins are tri-stated when the AIFn_TRI register is set. Note that, when a GPIOn pin is
configured as a GPIO, this pin is not affected by the respective AIFn_TRI register.
See “General
Purpose Input / Output
” to configure the GPIO pins.
Under default conditions, the AIFnTXDAT output is held at logic 0 when the WM8281 is not
transmitting data (ie. during timeslots that are not enabled for output by the WM8281). When the
AIFnTX_DAT_TRI register is set, the WM8281 tri-states the respective AIFnTXDAT pin when not
transmitting data, allowing other devices to drive the AIFnTXDAT connection.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1281
(0501h)
AIF1 Tx
Pin Ctrl
5
AIF1TX_DAT_TR
I
0
AIF1TXDAT Tri-State Control
0 = Logic 0 during unused timeslots
1 = Tri-stated during unused timeslots
R1283
(0503h)
AIF1 Rate
Ctrl
6
AIF1_TRI
0
AIF1 Audio Interface Tri-State Control
0 = Normal
1 = AIF1 Outputs are tri-stated
Note that the GPIO1 pin is only tri-stated
by this register when it is configured as
AIF1TXLRCLK.
Table 43 AIF1 TDM and Tri-State Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1345
(0541h)
AIF2 Tx
Pin Ctrl
5
AIF2TX_DAT_TR
I
0
AIF2TXDAT Tri-State Control
0 = Logic 0 during unused timeslots
1 = Tri-stated during unused timeslots
R1347
(0543h)
AIF2 Rate
Ctrl
6
AIF2_TRI
0
AIF2 Audio Interface Tri-State Control
0 = Normal
1 = AIF2 Outputs are tri-stated
Note that the GPIO2 pin is only tri-stated
by this register when it is configured as
AIF2TXLRCLK.
Table 44 AIF2 TDM and Tri-State Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1409
(0581h)
AIF3 Tx
Pin Ctrl
5
AIF3TX_DAT_TR
I
0
AIF3TXDAT Tri-State Control
0 = Logic 0 during unused timeslots
1 = Tri-stated during unused timeslots
R1411
(0583h)
AIF3 Rate
Ctrl
6
AIF3_TRI
0
AIF3 Audio Interface Tri-State Control
0 = Normal
1 = AIF3 Outputs are tri-stated
Note that the GPIO3 pin is only tri-stated
by this register when it is configured as
AIF3TXLRCLK.
Table 45 AIF3 TDM and Tri-State Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com