Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 159 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 159 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 155Page - Cirrus Logic WM8281ECS/R Datasheet HTML 156Page - Cirrus Logic WM8281ECS/R Datasheet HTML 157Page - Cirrus Logic WM8281ECS/R Datasheet HTML 158Page - Cirrus Logic WM8281ECS/R Datasheet HTML 159Page - Cirrus Logic WM8281ECS/R Datasheet HTML 160Page - Cirrus Logic WM8281ECS/R Datasheet HTML 161Page - Cirrus Logic WM8281ECS/R Datasheet HTML 162Page - Cirrus Logic WM8281ECS/R Datasheet HTML 163Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 392 page
background image
WM8281
Rev 4.0
159
AIF DIGITAL AUDIO DATA CONTROL
The register bits controlling the audio data format, word lengths and slot configurations for AIF1, AIF2
and AIF3 are described in Table 40, Table 41 and Table 42 respectively.
Note that Left-Justified and DSP-B modes are valid in Master mode only (ie. BCLK and LRCLK are
outputs from the WM8281).
The AIFn Slot Length is the number of BCLK cycles in one timeslot within the overall LRCLK frame.
The Word Length is the number of valid data bits within each timeslot. (If the word length is less than
the slot length, then there will be unused BCLK cycles at the end of each timeslot.) The AIFn word
length and slot length is independently selectable for the input (RX) and output (TX) paths.
For each AIF input (RX) and AIF output (TX) channel, the position of the audio data sample within the
LRCLK frame is configurable. The _SLOT registers define the timeslot position of the audio sample
for the associated audio channel. Valid selections are Slot 0 upwards. The timeslots are numbered as
illustrated in Figure 49 through to Figure 52.
Note that, in DSP modes, the timeslots are ordered consecutively from the start of the LRCLK frame.
In I2S and Left-Justified modes, the even-numbered timeslots are arranged in the first half of the
LRCLK frame, and the odd-numbered timeslots are arranged in the second half of the frame.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1284
(0504h)
AIF1
Format
2:0
AIF1_FMT [2:0]
000
AIF1 Audio Interface Format
000 = DSP Mode A
001 = DSP Mode B
010 = I2S mode
011 = Left Justified mode
Other codes are Reserved
R1287
(0507h)
AIF1
Frame Ctrl
1
13:8
AIF1TX_WL [5:0]
18h
AIF1 TX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF1TX_SLOT_L
EN [7:0]
18h
AIF1 TX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1288
(0508h)
AIF1
Frame Ctrl
2
13:8
AIF1RX_WL [5:0]
18h
AIF1 RX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF1RX_SLOT_L
EN [7:0]
18h
AIF1 RX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1289
(0509h)
to
R1296
(0510h)
5:0
AIF1TX1_SLOT
[5:0]
0h
AIF1 TX Channel n Slot position
Defines the TX timeslot position of the
Channel n audio sample
Integer (LSB=1); Valid from 0 to 63
5:0
AIF1TX2_SLOT
[5:0]
1h
5:0
AIF1TX3_SLOT
[5:0]
2h
5:0
AIF1TX4_SLOT
[5:0]
3h
5:0
AIF1TX5_SLOT
[5:0]
4h
5:0
AIF1TX6_SLOT
[5:0]
5h
5:0
AIF1TX7_SLOT
[5:0]
6h
5:0
AIF1TX8_SLOT
[5:0]
7h
R1297
(0511h)
to
R1304
5:0
AIF1RX1_SLOT
[5:0]
0h
AIF1 RX Channel n Slot position
Defines the RX timeslot position of the
Channel n audio sample
Integer (LSB=1); Valid from 0 to 63
5:0
AIF1RX2_SLOT
[5:0]
1h
5:0
AIF1RX3_SLOT
[5:0]
2h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com