Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 155 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 155 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 151Page - Cirrus Logic WM8281ECS/R Datasheet HTML 152Page - Cirrus Logic WM8281ECS/R Datasheet HTML 153Page - Cirrus Logic WM8281ECS/R Datasheet HTML 154Page - Cirrus Logic WM8281ECS/R Datasheet HTML 155Page - Cirrus Logic WM8281ECS/R Datasheet HTML 156Page - Cirrus Logic WM8281ECS/R Datasheet HTML 157Page - Cirrus Logic WM8281ECS/R Datasheet HTML 158Page - Cirrus Logic WM8281ECS/R Datasheet HTML 159Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 392 page
background image
WM8281
Rev 4.0
155
AIF BCLK AND LRCLK CONTROL
The AIFnBCLK frequency is selected by the AIFn_BCLK_FREQ register. For each value of this
register, the actual frequency depends upon whether AIFn is configured for a 48kHz-related sample
rate or a 44.1kHz-related sample rate, as described below.
If AIFn_RATE<1000 (see Table 23), then AIFn is referenced to the SYSCLK clocking domain and the
applicable frequency depends upon the SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3
registers.
If AIFn_RATE
≥1000, then AIFn is referenced to the ASYNCCLK clocking domain and the applicable
frequency depends upon the ASYNC_SAMPLE_RATE_1 or ASYNC_SAMPLE_RATE_2 registers.
The selected AIFnBCLK rate must be less than or equal to SYSCLK/2, or ASYNCCLK/2, as
applicable.
See “Clocking and Sample Rates” for details of SYSCLK and ASYNCCLK domains, and
the associated control registers.
The AIFnRXLRCLK frequency is controlled relative to AIFnBCLK by the AIFnRX_BCPF divider.
Under default conditions, the AIFn input (RX) and output (TX) paths both use the AIFnRXLRCLK
signal as the frame synchronisation clock. The AIFn output (TX) interface can be configured to use a
separate frame clock, AIFnTXLRCLK, using the AIFnTX_LRCLK_SRC bit, as described in Table 31,
Table 32 and Table 33 for AIF1, AIF2 and AIF3 respectively.
When the GPIOn pin is configured as AIFnTXLRCLK, then the AIFnTXLRCLK frequency is controlled
relative to AIFnBCLK by the AIFnTX_BCPF divider. See
“General Purpose Input / Output” for details
of how to configure the GPIO1, GPIO2 or GPIO3 pins.
Note that the BCLK rate must be configured in Master or Slave modes, using the AIFn_BCLK_FREQ
registers. The LRCLK rate(s) only require to be configured in Master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com