Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 152 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 152 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 148Page - Cirrus Logic WM8281ECS/R Datasheet HTML 149Page - Cirrus Logic WM8281ECS/R Datasheet HTML 150Page - Cirrus Logic WM8281ECS/R Datasheet HTML 151Page - Cirrus Logic WM8281ECS/R Datasheet HTML 152Page - Cirrus Logic WM8281ECS/R Datasheet HTML 153Page - Cirrus Logic WM8281ECS/R Datasheet HTML 154Page - Cirrus Logic WM8281ECS/R Datasheet HTML 155Page - Cirrus Logic WM8281ECS/R Datasheet HTML 156Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 392 page
background image
WM8281
152
Rev 4.0
AIF SIGNAL PATH ENABLE
The AIF1 interface supports up to 8 input (RX) channels and up to 8 output (TX) channels. Each of
these channels can be enabled or disabled using the register bits defined in Table 34.
The AIF2 interface supports up to 6 input (RX) channels and up to 6 output (TX) channels. Each of
these channels can be enabled or disabled using the register bits defined in Table 35.
The AIF3 interface supports up to 2 input (RX) channels and up to 2 output (TX) channels. Each of
these channels can be enabled or disabled using the register bits defined in Table 36.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The
ASYNCCLK may also be requ
ired, depending on the path configuration. See “Clocking and Sample
Rates
” for details of the system clocks.
The WM8281 performs automatic checks to confirm that the SYSCLK and ASYNCCLK frequencies
are high enough to support the commanded signal paths and processing functions. If an attempt is
made to enable an AIF signal path, and there are insufficient SYSCLK or ASYNCCLK cycles to
support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active
will not be affected under these circumstances.)
The Underclocked Error conditions can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1305
(0519h)
AIF1 Tx
Enables
7
AIF1TX8_ENA
0
AIF1 Audio Interface TX Channel 8
Enable
0 = Disabled
1 = Enabled
6
AIF1TX7_ENA
0
AIF1 Audio Interface TX Channel 7
Enable
0 = Disabled
1 = Enabled
5
AIF1TX6_ENA
0
AIF1 Audio Interface TX Channel 6
Enable
0 = Disabled
1 = Enabled
4
AIF1TX5_ENA
0
AIF1 Audio Interface TX Channel 5
Enable
0 = Disabled
1 = Enabled
3
AIF1TX4_ENA
0
AIF1 Audio Interface TX Channel 4
Enable
0 = Disabled
1 = Enabled
2
AIF1TX3_ENA
0
AIF1 Audio Interface TX Channel 3
Enable
0 = Disabled
1 = Enabled
1
AIF1TX2_ENA
0
AIF1 Audio Interface TX Channel 2
Enable
0 = Disabled
1 = Enabled
0
AIF1TX1_ENA
0
AIF1 Audio Interface TX Channel 1
Enable
0 = Disabled
1 = Enabled
R1306
(051Ah)
AIF1 Rx
Enables
7
AIF1RX8_ENA
0
AIF1 Audio Interface RX Channel 8
Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com