Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 150 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 150 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 146Page - Cirrus Logic WM8281ECS/R Datasheet HTML 147Page - Cirrus Logic WM8281ECS/R Datasheet HTML 148Page - Cirrus Logic WM8281ECS/R Datasheet HTML 149Page - Cirrus Logic WM8281ECS/R Datasheet HTML 150Page - Cirrus Logic WM8281ECS/R Datasheet HTML 151Page - Cirrus Logic WM8281ECS/R Datasheet HTML 152Page - Cirrus Logic WM8281ECS/R Datasheet HTML 153Page - Cirrus Logic WM8281ECS/R Datasheet HTML 154Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 392 page
background image
WM8281
150
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1344
(0540h)
AIF2
BCLK Ctrl
7
AIF2_BCLK_INV
0
AIF2 Audio Interface BCLK Invert
0 = AIF2BCLK not inverted
1 = AIF2BCLK inverted
6
AIF2_BCLK_FRC
0
AIF2 Audio Interface BCLK Output Control
0 = Normal
1 = AIF2BCLK always enabled in Master
mode
5
AIF2_BCLK_MST
R
0
AIF2 Audio Interface BCLK Master Select
0 = AIF2BCLK Slave mode
1 = AIF2BCLK Master mode
R1345
(0541h)
AIF2 Tx
Pin Ctrl
3
AIF2TX_LRCLK_
SRC
1
AIF2 Audio Interface TX path LRCLK
Select
0 = AIF2TXLRCLK
1 = AIF2RXLRCLK
Note that the TXLRCLK function, when
used, must be configured on a GPIO pin.
2
AIF2TX_LRCLK_I
NV
0
AIF2 Audio Interface TX path LRCLK
Invert
0 = AIF2TXLRCLK not inverted
1 = AIF2TXLRCLK inverted
1
AIF2TX_LRCLK_
FRC
0
AIF2 Audio Interface TX path LRCLK
Output Control
0 = Normal
1 = AIF2TXLRCLK always enabled in
Master mode
0
AIF2TX_LRCLK_
MSTR
0
AIF2 Audio Interface TX path LRCLK
Master Select
0 = AIF2TXLRCLK Slave mode
1 = AIF2TXLRCLK Master mode
R1346
(0542h)
AIF2 Px
Pin Ctrl
2
AIF2RX_LRCLK_
INV
0
AIF2 Audio Interface LRCLK Invert
0 = AIF2RXLRCLK not inverted
1 = AIF2RXLRCLK inverted
1
AIF2RX_LRCLK_
FRC
0
AIF2 Audio Interface LRCLK Output
Control
0 = Normal
1 = AIF2RXLRCLK always enabled in
Master mode
0
AIF2RX_LRCLK_
MSTR
0
AIF2 Audio Interface LRCLK Master
Select
0 = AIF2RXLRCLK Slave mode
1 = AIF2RXLRCLK Master mode
Table 32 AIF2 Master / Slave Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com