Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 151 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 151 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 147Page - Cirrus Logic WM8281ECS/R Datasheet HTML 148Page - Cirrus Logic WM8281ECS/R Datasheet HTML 149Page - Cirrus Logic WM8281ECS/R Datasheet HTML 150Page - Cirrus Logic WM8281ECS/R Datasheet HTML 151Page - Cirrus Logic WM8281ECS/R Datasheet HTML 152Page - Cirrus Logic WM8281ECS/R Datasheet HTML 153Page - Cirrus Logic WM8281ECS/R Datasheet HTML 154Page - Cirrus Logic WM8281ECS/R Datasheet HTML 155Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 392 page
background image
WM8281
Rev 4.0
151
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1408
(0580h)
AIF3
BCLK Ctrl
7
AIF3_BCLK_INV
0
AIF3 Audio Interface BCLK Invert
0 = AIF3BCLK not inverted
1 = AIF3BCLK inverted
6
AIF3_BCLK_FRC
0
AIF3 Audio Interface BCLK Output Control
0 = Normal
1 = AIF3BCLK always enabled in Master
mode
5
AIF3_BCLK_MST
R
0
AIF3 Audio Interface BCLK Master Select
0 = AIF3BCLK Slave mode
1 = AIF3BCLK Master mode
R1409
(0581h)
AIF3 Tx
Pin Ctrl
3
AIF3TX_LRCLK_
SRC
1
AIF3 Audio Interface TX path LRCLK
Select
0 = AIF3TXLRCLK
1 = AIF3RXLRCLK
Note that the TXLRCLK function, when
used, must be configured on a GPIO pin.
2
AIF3TX_LRCLK_I
NV
0
AIF3 Audio Interface TX path LRCLK
Invert
0 = AIF3TXLRCLK not inverted
1 = AIF3TXLRCLK inverted
1
AIF3TX_LRCLK_
FRC
0
AIF3 Audio Interface TX path LRCLK
Output Control
0 = Normal
1 = AIF3TXLRCLK always enabled in
Master mode
0
AIF3TX_LRCLK_
MSTR
0
AIF3 Audio Interface TX path LRCLK
Master Select
0 = AIF3TXLRCLK Slave mode
1 = AIF3TXLRCLK Master mode
R1410
(0582h)
AIF3 Rx
Pin Ctrl
2
AIF3RX_LRCLK_
INV
0
AIF3 Audio Interface LRCLK Invert
0 = AIF3RXLRCLK not inverted
1 = AIF3RXLRCLK inverted
1
AIF3RX_LRCLK_
FRC
0
AIF3 Audio Interface LRCLK Output
Control
0 = Normal
1 = AIF3RXLRCLK always enabled in
Master mode
0
AIF3RX_LRCLK_
MSTR
0
AIF3 Audio Interface LRCLK Master
Select
0 = AIF3RXLRCLK Slave mode
1 = AIF3RXLRCLK Master mode
Table 33 AIF3 Master / Slave Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com