Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 157 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 157 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 153Page - Cirrus Logic WM8281ECS/R Datasheet HTML 154Page - Cirrus Logic WM8281ECS/R Datasheet HTML 155Page - Cirrus Logic WM8281ECS/R Datasheet HTML 156Page - Cirrus Logic WM8281ECS/R Datasheet HTML 157Page - Cirrus Logic WM8281ECS/R Datasheet HTML 158Page - Cirrus Logic WM8281ECS/R Datasheet HTML 159Page - Cirrus Logic WM8281ECS/R Datasheet HTML 160Page - Cirrus Logic WM8281ECS/R Datasheet HTML 161Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 392 page
background image
WM8281
Rev 4.0
157
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1344
(0540h)
AIF2
BCLK Ctrl
4:0
AIF2_BCLK_FRE
Q [4:0]
01100
AIF2BCLK Rate
00000 = Reserved
00001 = Reserved
00010 = 64kHz (58.8kHz)
00011 = 96kHz (88.2kHz)
00100 = 128kHz (117.6kHz)
00101 = 192kHz (176.4kHz)
00110 = 256kHz (235.2kHz)
00111 = 384kHz (352.8kHz)
01000 = 512kHz (470.4kHz)
01001 = 768kHz (705.6kHz)
01010 = 1.024MHz (940.8kHz)
01011 = 1.536MHz (1.4112MHz)
01100 = 2.048MHz (1.8816MHz)
01101 = 3.072MHz (2.8824MHz)
01110 = 4.096MHz (3.7632MHz)
01111 = 6.144MHz (5.6448MHz)
10000 = 8.192MHz (7.5264MHz)
10001 = 12.288MHz (11.2896MHz)
10010 = 24.576MHz (22.5792MHz)
The frequencies in brackets apply for
44.1kHz-related sample rates only.
If AIF2_RATE<1000, then AIF2 is
referenced to SYSCLK and the 44.1kHz-
related frequencies apply if
SAMPLE_RATE_n = 01XXX.
If AIF2_RATE>=1000, then AIF2 is
referenced to ASYNCCLK and the
44.1kHz-related frequencies apply if
ASYNC_SAMPLE_RATE_n = 01XXX.
The AIF2BCLK rate must be less than or
equal to SYSCLK/2, or ASYNCCLK/2, as
applicable.
R1349
(0545h)
AIF2 Tx
BCLK
Rate
12:0
AIF2TX_BCPF
[12:0]
0040h
AIF2TXLRCLK Rate
This register selects the number of BCLK
cycles per AIF2TXLRCLK frame.
AIF2TXLRCLK clock = AIF2BCLK /
AIF2TX_BCPF
Integer (LSB = 1), Valid from 8..8191
R1350
(0546h)
AIF2 Rx
BCLK
Rate
12:0
AIF2RX_BCPF
[12:0]
0040h
AIF2RXLRCLK Rate
This register selects the number of BCLK
cycles per AIF2RXLRCLK frame.
AIF2RXLRCLK clock = AIF2BCLK /
AIF2RX_BCPF
Integer (LSB = 1), Valid from 8..8191
Table 38 AIF2 BCLK and LRCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com