Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 169 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 169 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 165Page - Cirrus Logic WM8281ECS/R Datasheet HTML 166Page - Cirrus Logic WM8281ECS/R Datasheet HTML 167Page - Cirrus Logic WM8281ECS/R Datasheet HTML 168Page - Cirrus Logic WM8281ECS/R Datasheet HTML 169Page - Cirrus Logic WM8281ECS/R Datasheet HTML 170Page - Cirrus Logic WM8281ECS/R Datasheet HTML 171Page - Cirrus Logic WM8281ECS/R Datasheet HTML 172Page - Cirrus Logic WM8281ECS/R Datasheet HTML 173Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 392 page
background image
WM8281
Rev 4.0
169
The REQUEST_CLEAR_INFORMATION (TID, EC, CM) message is used to instruct a device to
respond with the indicated information, and also to clear all, or parts, of the same information slice.
The payload of this message contains the Transaction ID (TID), Element Code (EC), and Clear Mask
(CM). The Clear Mask field is used to select which element(s) are to be cleared as part of the
instruction.
The REPLY_INFORMATION (TID, IS) message is used to provide readback of a requested
parameter. The payload of this message contains the Transaction ID (TID) and the Information Slice
(IS). The Information Slice byte(s) contain the value of the requested parameter.
The CLEAR_INFORMATION (EC, CM) message is used to clear all, or parts, of the indicated
information slice. The payload of this message contains the Element Code (EC) and Clear Mask
(CM). The Clear Mask field is used to select which element(s) are to be cleared as part of the
instruction.
The REPORT_INFORMATION (EC, IS) message is used to inform other devices about a change in a
specified element in the Information Map. The payload of this message contains the Element Code
(EC) and the Information Slice (IS). The Information Slice byte(s) contain the new value of the
applicable parameter.
VALUE MANAGEMENT (INCLUDING REGISTER ACCESS)
A memory map of Value Elements is defined for each Device. This is arranged in 3 x 1kByte blocks,
comprising Core Value elements, Device Class-specific Value elements, and User Value elements
respectively, as described in the MIPI specification. These elements are typically parameters used to
configure Device behaviour.
The User Value elements of the Interface Device are used on WM8281 to support Read/Write access
to the Register Map. Details
of how to access specific registers are described in the “SLIMbus
Interface Control
” section.
Note that, with the exception of the User Value elements of the Interface Device, the contents of the
User Value portion for each WM8281 SLIMbus Device are reserved.
Read/Write access is implemented using the messages described below. Specific elements within the
Value Map are identified using the Element Code (EC) parameter. In the case of Read access, a
unique Transaction ID (TID) is assigned to each message relating to a particular read/write request.
The REQUEST_VALUE (TID, EC) message is used to instruct a device to respond with the indicated
information. The payload of this message contains the Transaction ID (TID) and the Element Code
(EC).
The REPLY_VALUE (TID, VS) message is used to provide readback of a requested parameter. The
payload of this message contains the Transaction ID (TID) and the Value Slice (VS). The Value Slice
byte(s) contain the value of the requested parameter.
The CHANGE_VALUE (EC, VU) message is used to write data to a specified element in the Value
Map. The payload of this message contains the Element Code (EC) and the Value Update (VU). The
Value Update byte(s) contain the new value of the applicable parameter.
FRAME & CLOCKING MANAGEMENT
This section describes the SLIMbus messages associated with changing the Frame or Clocking
configuration. One or more configuration messages may be issued as part of a Reconfiguration
Sequence; all of the updated parameters become active at once, when the Reconfiguration boundary
is reached.
The BEGIN_RECONFIGURATION message is issued to define a Reconfiguration Boundary point:
subsequent NEXT_* messages will become active at the first valid Superframe boundary following
receipt of the RECONFIGURE_NOW message. (A valid boundary must be at least two Slots after the
end of the RECONFIGURE_NOW message.) Both of these messages have no payload content.
The NEXT_ACTIVE_FRAMER (LAIF, NCo, NCi) message is used to select a new device as the
active Framer. The payload of this message includes the Logical Address, Incoming Framer (LAIF).
Two other fields (NCo, NCi) define the number of clock cycles for which the CLK line shall be inactive
during the handover.
The NEXT_SUBFRAME_MODE (SM) and NEXT_CLOCK_GEAR (CG) messages are used to re-
configure the SLIMbus clocking or framing definition. The payload of each is the respective Subframe
Mode (SM) or Clock Gear (CG) respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com