Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 171 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 171 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 167Page - Cirrus Logic WM8281ECS/R Datasheet HTML 168Page - Cirrus Logic WM8281ECS/R Datasheet HTML 169Page - Cirrus Logic WM8281ECS/R Datasheet HTML 170Page - Cirrus Logic WM8281ECS/R Datasheet HTML 171Page - Cirrus Logic WM8281ECS/R Datasheet HTML 172Page - Cirrus Logic WM8281ECS/R Datasheet HTML 173Page - Cirrus Logic WM8281ECS/R Datasheet HTML 174Page - Cirrus Logic WM8281ECS/R Datasheet HTML 175Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 392 page
background image
WM8281
Rev 4.0
171
SLIMBUS INTERFACE CONTROL
The WM8281 features a MIPI-compliant SLIMbus interface, providing 8 channels of audio input and 8
channels of audio output. Mixed audio sample rates are supported on the SLIMbus interface. The
SLIMbus interface also supports read/write access to the WM8281 control registers.
The SLIMbus interface on WM8281 comprises a Generic Device, Framer Device, and Interface
Device. A maximum of 16 Ports can be configured, providing up to 8 input (RX) channels and up to 8
output (TX) channels.
The audio paths asso
ciated with the SLIMbus interface are described in the “Digital Core” section.
The SLIMbus interface supports read/write access to the WM8281 control registers, as described later
in this section.
The SLIMbus clocking rate and channel allocations are controlled by the Manager Device. The
Message Channel and Data Channel bandwidth may be dynamically adjusted according to the
application requirements. Note that the Manager Device functions are not implemented on the
WM8281, and these bandwidth allocation requirements are outside the scope of this datasheet.
SLIMBUS DEVICE PARAMETERS
The SLIMbus interface on the WM8281 comprises three Devices. The Enumeration Address of each
Device within the SLIMbus interface is derived from the parameters noted in Table 49.
DESCRIPTION
MANUFACTURER
ID
PRODUCT
CODE
DEVICE ID
INSTANCE
VALUE
ENUMERATION
ADDRESS
Generic
0x012F
0x5110
0x00
0x00
012F_5110_0000
Framer
0x012F
0x5110
0x55
0x00
012F_5110_5500
Interface
0x012F
0x5110
0x7F
0x00
012F_5110_7F00
Table 49 SLIMbus Device Parameters
SLIMBUS MESSAGE SUPPORT
The SLIMbus interface on the WM8281 supports bus messages as noted in Table 50.
Additional notes regarding SLIMbus message support are noted below, and also in Table 51.
MESSAGE CODE
MC[6:0]
DESCRIPTION
GENERIC
FRAMER
INTERFACE
Device Management Messages
0x01
REPORT_PRESENT (DC, DCV)
S
S
S
0x02
ASSIGN_LOGICAL_ADDRESS (LA)
D
D
D
0x04
RESET_DEVICE ()
D
D
D
0x08
CHANGE_LOGICAL_ADDRESS (LA)
D
D
D
0x09
CHANGE_ARBITRATION_PRIORITY (AP)
0x0C
REQUEST_SELF_ANNOUNCEMENT ()
D
D
D
0x0F
REPORT_ABSENT ()
Data Channel Management Messages
0x10
CONNECT_SOURCE (PN, CN)
D
0x11
CONNECT_SINK (PN, CN)
D
0x14
DISCONNECT_PORT (PN)
D
0x18
CHANGE_CONTENT (CN, FL, PR, AF, DT, CL, DL)
D
Information Management Messages
0x20
REQUEST_INFORMATION (TID, EC)
D
D
D
0x21
REQUEST_CLEAR_INFORMATION (TID, EC, CM)
D
D
D
0x24
REPLY_INFORMATION (TID, IS)
S
S
S
0x28
CLEAR_INFORMATION (EC, CM)
D
D
D
0x29
REPORT_INFORMATION (EC, IS)
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com