Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 175 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 175 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 171Page - Cirrus Logic WM8281ECS/R Datasheet HTML 172Page - Cirrus Logic WM8281ECS/R Datasheet HTML 173Page - Cirrus Logic WM8281ECS/R Datasheet HTML 174Page - Cirrus Logic WM8281ECS/R Datasheet HTML 175Page - Cirrus Logic WM8281ECS/R Datasheet HTML 176Page - Cirrus Logic WM8281ECS/R Datasheet HTML 177Page - Cirrus Logic WM8281ECS/R Datasheet HTML 178Page - Cirrus Logic WM8281ECS/R Datasheet HTML 179Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 392 page
background image
WM8281
Rev 4.0
175
SLIMBUS SIGNAL PATH ENABLE
The SLIMbus interface supports up to 8 input (RX) channels and up to 8 output (TX) channels. Each
of these channels can be enabled or disabled using the register bits defined in Table 53.
Note that the SLIMbus audio channels can only be supported when the corresponding ports have
been enabled by the Manager Device (ie. in addition to setting the respective enable bits). The status
bits in Registers R1527 and R1528 indicate the status of each of the SLIMbus ports.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The
ASYNCCLK may also be req
uired, depending on the path configuration. See “Clocking and Sample
Rates
” for details of the system clocks.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1525
(05F5h)
SLIMbus
RX
Channel
Enable
7
SLIMRX8_ENA
0
SLIMbus RX Channel n Enable
0 = Disabled
1 = Enabled
6
SLIMRX7_ENA
0
5
SLIMRX6_ENA
0
4
SLIMRX5_ENA
0
3
SLIMRX4_ENA
0
2
SLIMRX3_ENA
0
1
SLIMRX2_ENA
0
0
SLIMRX1_ENA
0
R1526
(05F6h)
SLIMbus
TX
Channel
Enable
7
SLIMTX8_ENA
0
SLIMbus TX Channel n Enable
0 = Disabled
1 = Enabled
6
SLIMTX7_ENA
0
5
SLIMTX6_ENA
0
4
SLIMTX5_ENA
0
3
SLIMTX4_ENA
0
2
SLIMTX3_ENA
0
1
SLIMTX2_ENA
0
0
SLIMTX1_ENA
0
R1527
(05F7h)
SLIMbus
RX Port
Status
7
SLIMRX8_PORT_STS
0
SLIMbus RX Channel n Port Status
(Read only)
0 = Disabled
1 = Configured and active
6
SLIMRX7_PORT_STS
0
5
SLIMRX6_PORT_STS
0
4
SLIMRX5_PORT_STS
0
3
SLIMRX4_PORT_STS
0
2
SLIMRX3_PORT_STS
0
1
SLIMRX2_PORT_STS
0
0
SLIMRX1_PORT_STS
0
R1528
(05F8h)
SLIMbus
TX Port
Status
7
SLIMTX8_PORT_STS
0
SLIMbus TX Channel n Port Status
(Read only)
0 = Disabled
1 = Configured and active
6
SLIMTX7_PORT_STS
0
5
SLIMTX6_PORT_STS
0
4
SLIMTX5_PORT_STS
0
3
SLIMTX4_PORT_STS
0
2
SLIMTX3_PORT_STS
0
1
SLIMTX2_PORT_STS
0
0
SLIMTX1_PORT_STS
0
Table 53 SLIMbus Signal Path Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com