Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 177 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 177 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 173Page - Cirrus Logic WM8281ECS/R Datasheet HTML 174Page - Cirrus Logic WM8281ECS/R Datasheet HTML 175Page - Cirrus Logic WM8281ECS/R Datasheet HTML 176Page - Cirrus Logic WM8281ECS/R Datasheet HTML 177Page - Cirrus Logic WM8281ECS/R Datasheet HTML 178Page - Cirrus Logic WM8281ECS/R Datasheet HTML 179Page - Cirrus Logic WM8281ECS/R Datasheet HTML 180Page - Cirrus Logic WM8281ECS/R Datasheet HTML 181Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 392 page
background image
WM8281
Rev 4.0
177
Register Read operations
are implemented using the “CHANGE_VALUE” and “REQUEST_VALUE”
messages. A maximum of two messages may be required, depending on circumstances: the
“CHANGE_VALUE” message selects the register page (bits [23:8] of the Control Register address);
the “REQUEST_VALUE” message contains bits [7:0] of the register address. The first message may
be omitted if the register page is unchanged from the previous Read or Write operation.
The associated parameters are described in Table 56 and Table 57, for the generic case of reading
the contents of control register address 0xYYYYZZ.
Read Message 1
– CHANGE_VALUE
PARAMETER
VALUE
DESCRIPTION
Source Address
0xSS
‘SS’ is the 8-bit Logical Address of the message
source. This could be any active device on the bus,
but is typically the Manager Device (0xFF).
Destination Address
0xLL
‘LL’ is the 8-bit Logical Address of the message
destination (ie. the WM8281 SLIMbus Interface
Device). The value is assigned by the SLIMbus
Manager Device.
Access Mode
0b1
Selects Byte-based access mode.
Byte Address
0x800
Identifies the User Value element for selecting the
Control Register page address.
Slice Size
0b001
Selects 2-byte slice size
Value Update
0xYYYY
‘YYYY’ is bits [23:8] of the applicable Control
Register address.
Table 56 Register Read Message (1)
Read Message 2
– REQUEST_VALUE
PARAMETER
VALUE
DESCRIPTION
Source Address
0xSS
‘SS’ is the 8-bit Logical Address of the message
source. This could be any active device on the bus,
but is typically the Manager Device (0xFF).
Destination Address
0xLL
‘LL’ is the 8-bit Logical Address of the message
destination (ie. the WM8281 SLIMbus Interface
Device). The value is assigned by the SLIMbus
Manager Device.
Access Mode
0b1
Selects Byte-based access mode.
Byte Address
0xUUU
Specifies the Value Map address, calculated as
0xA00 + (2 x 0xZZ), where ‘ZZ’ is bits [7:0] of the
applicable Control Register address.
Slice Size
0b001
Selects 2-byte slice size
Transaction ID
0xTTTT
‘TTTT’ is the 16-bit Transaction ID for the
message. The value is assigned by the SLIMbus
Manager Device.
Table 57 Register Read Message (2)
Note that the first message may be omitted if its contents are unchanged from the previous
CHANGE_VALUE message sent to the WM8281.
The WM8281 will respond to the Register Read commands in accordance with the normal SLIMbus
protocols.
Note that the WM8281 assumes that sufficient Control Space Slots are available in which to provide
its response before the next REQUEST_VALUE message is received. The WM8281 response is
made using a REPLY_VALUE message; the SLIMbus Manager should wait until the REPLY_VALUE
message has been received before sending the next REQUEST_VALUE message. If additional
REQUEST_VALUE message(s) are received before the WM8281 response has been made, then the
earlier REQUEST_VALUE message(s) will be ignored (ie. only the last REQUEST_VALUE message
will be serviced).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com