Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 178 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 178 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 174Page - Cirrus Logic WM8281ECS/R Datasheet HTML 175Page - Cirrus Logic WM8281ECS/R Datasheet HTML 176Page - Cirrus Logic WM8281ECS/R Datasheet HTML 177Page - Cirrus Logic WM8281ECS/R Datasheet HTML 178Page - Cirrus Logic WM8281ECS/R Datasheet HTML 179Page - Cirrus Logic WM8281ECS/R Datasheet HTML 180Page - Cirrus Logic WM8281ECS/R Datasheet HTML 181Page - Cirrus Logic WM8281ECS/R Datasheet HTML 182Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 392 page
background image
WM8281
178
Rev 4.0
SLIMBUS CLOCKING CONTROL
The clock frequency of the SLIMbus interface is not fixed, and may be set according to the application
requirements. The clock frequency can be reconfigured dynamically as required.
The WM8281 SLIMbus interface includes a Framer Device. When configured as the active Framer,
the SLIMbus clock (SLIMCLK) is an output from the WM8281. At other times, SLIMCLK is an input.
The Framer function can be transferred from one device to another; this is known as Framer
Handover, and is controlled by the Manager Device.
The supported Root Frequencies in Active Framer mode are 24.576MHz or 22.5792MHz only. At
other times, the supported Root Frequencies are as defined in the MIPI Alliance specification for
SLIMbus.
Under normal operating conditions, the SLIMbus interface operates with a fixed Root Frequency (RF);
dynamic updates to the bus rate are applied using a selectable Clock Gear (CG) function. The Root
Frequency and the Clock Gear setting are controlled by the Manager Device; these parameters are
transmitted in every SLIMbus superframe to all devices on the bus.
In Gear 10 (the highest Clock Gear setting), the SLIMCLK input (or output) frequency is equal to the
Root Frequency. In lower gears, the SLIMCLK frequency is reduced by increasing powers of 2.
The Clock Gear definition is shown in Table 58. Note that 24.576MHz Root Frequency is an example
only; other frequencies are also supported.
CLOCK GEAR
DESCRIPTION
SLIMCLK FREQUENCY
(
assuming 24.576MHz Root Frequency)
10
Divide by 1
24.576MHz
9
Divide by 2
12.288MHz
8
Divide by 4
6.144MHz
7
Divide by 8
3.072MHz
6
Divide by 16
1.536MHz
5
Divide by 32
768kHz
4
Divide by 64
384kHz
3
Divide by 128
192kHz
2
Divide by 256
96kHz
1
Divide by 512
48kHz
Table 58 SLIMbus Clock Gear Selection
When the WM8281 is the active Framer, the SLIMCLK output is synchronised to the SYSCLK or
ASYNCCLK system clock, as selected by the SLIMCLK_SRC register bit.
The applicable system clock must be enabled, and configured at the SLIMbus Root Frequency,
whenever the WM8281 is the active Framer.
See “Clocking and Sample Rates” for details of the
SYSCLK and ASYNCCLK system clocks.
When the WM8281 is not configured as the active Framer device, then the SLIMCLK input can be
used to provide a reference source for the Frequency Locked Loops (FLLs). The frequency of this
reference is controlled using the SLIMCLK_REF_GEAR register, as described in Table 59.
The SLIMbus clock reference is generated using an adaptive divider on the SLIMCLK input. The
divider automatically adapts to the SLIMbus Clock Gear (CG).
Note that, if the Clock Gear (CG) on the bus is lower than the SLIMCLK_REF_GEAR, then the
selected reference frequency cannot be supported, and the SLIMbus clock reference is disabled.
The SLIMbus clock reference is selected as input to the FLLs using the FLLn_REFCLK_SRC
registers. See “Clocking and Sample Rates” for details of system clocking and the FLLs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com