Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 182 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 182 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 178Page - Cirrus Logic WM8281ECS/R Datasheet HTML 179Page - Cirrus Logic WM8281ECS/R Datasheet HTML 180Page - Cirrus Logic WM8281ECS/R Datasheet HTML 181Page - Cirrus Logic WM8281ECS/R Datasheet HTML 182Page - Cirrus Logic WM8281ECS/R Datasheet HTML 183Page - Cirrus Logic WM8281ECS/R Datasheet HTML 184Page - Cirrus Logic WM8281ECS/R Datasheet HTML 185Page - Cirrus Logic WM8281ECS/R Datasheet HTML 186Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 392 page
background image
WM8281
182
Rev 4.0
OUTPUT SIGNAL PATH ENABLE
The output signal paths are enabled using the register bits described in Table 61. The respective
bit(s) must be enabled for analogue or digital output on the respective output path(s).
The output signal paths are muted by default. It is recommended that de-selecting the mute should be
the final step of the path enable control sequence. Similarly, the mute should be selected as the first
step of the path disable control sequence. The output signal path mute functions are controlled using
the register bits described in Table 64.
The supply rails for outputs (OUT1, OUT2 and OUT3) are generated using an integrated dual-mode
Charge Pump, CP1. The Charge Pump is enabled automatically by the WM8281 when required by
the output drivers
. See the “Charge Pumps, Regulators and Voltage Reference” section for further
details.
The WM8281 schedules a pop-suppressed control sequence to enable or disable the OUT1, OUT2
OUT3 and OUT4 signal paths. This is automatically managed in response to setting the respective
HPnx_ENA or SPKOUTx_ENA register bits.
See “Control Write Sequencer” for further details.
The headphone output (OUT1, OUT2, OUT3) enable control sequences are inputs to the Interrupt
circuit, and can be used to trigger an Interrupt event when a sequence completes. See “Interrupts” for
further details.
The headphone output (OUT1, OUT2, OUT3) enable control sequences can also generate a GPIO
output, providing an external indication of the sequence status. See “General Purpose Input / Output”
to configure a GPIO pin for this function.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The
ASYNCCLK may also be required, depending on the path configuration. See “Clocking and Sample
Rates
” for details of the system clocks.
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the output signal paths and associated DACs. If an attempt is made to enable an output
signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Register R1025 and R1030 indicate the status of each of the output signal paths. If
an Underclocked Error condition occurs, then these bits provide readback of which signal path(s)
have been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1024
(0400h)
Output
Enables 1
11
OUT6L_ENA
0
Output Path 6 (Left) Enable
0 = Disabled
1 = Enabled
10
OUT6R_ENA
0
Output Path 6 (Right) Enable
0 = Disabled
1 = Enabled
9
OUT5L_ENA
0
Output Path 5 (Left) Enable
0 = Disabled
1 = Enabled
8
OUT5R_ENA
0
Output Path 5 (Right) Enable
0 = Disabled
1 = Enabled
7
SPKOUTL_ENA
0
Output Path 4 (Left) Enable
0 = Disabled
1 = Enabled
6
SPKOUTR_ENA
0
Output Path 4 (Right) Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com