Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 186 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 186 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 182Page - Cirrus Logic WM8281ECS/R Datasheet HTML 183Page - Cirrus Logic WM8281ECS/R Datasheet HTML 184Page - Cirrus Logic WM8281ECS/R Datasheet HTML 185Page - Cirrus Logic WM8281ECS/R Datasheet HTML 186Page - Cirrus Logic WM8281ECS/R Datasheet HTML 187Page - Cirrus Logic WM8281ECS/R Datasheet HTML 188Page - Cirrus Logic WM8281ECS/R Datasheet HTML 189Page - Cirrus Logic WM8281ECS/R Datasheet HTML 190Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 392 page
background image
WM8281
186
Rev 4.0
OUTPUT SIGNAL PATH DIGITAL VOLUME CONTROL
A digital volume control is provided on each of the output signal paths, providing -64dB to +31.5dB
gain control in 0.5dB steps. An independent mute control is also provided for each output signal path.
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new
settings at a programmable rate. For increasing gain (or un-mute), the rate is controlled by the
OUT_VI_RAMP register. For decreasing gain (or mute), the rate is controlled by the OUT_VD_RAMP
register. Note that the OUT_VI_RAMP and OUT_VD_RAMP registers should not be changed while a
volume ramp is in progress.
The OUT_VU bits control the loading of the output signal path digital volume and mute controls. When
OUT_VU is set to 0, the digital volume and mute settings will be loaded into the respective control
register, but will not actually change the signal path gain. The digital volume and mute settings on all
of the output signal paths are updated when a 1 is written to OUT_VU. This makes it possible to
update the gain of multiple signal paths simultaneously.
Note that, although the digital volume control registers provide 0.5dB steps, the internal circuits
provide signal gain adjustment in 0.125dB steps. This allows a very high degree of gain control, and
smooth volume ramping under all operating conditions.
The digital volume control register fields are described in Table 64 and Table 65.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1033
(0409h)
Output
Volume
Ramp
6:4
OUT_VD_RAMP
[2:0]
010
Output Volume Decreasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
2:0
OUT_VI_RAMP
[2:0]
010
Output Volume Increasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
R1041
(0411h)
DAC
Digital
Volume 1L
9
OUT_VU
Output Signal Paths Volume Update
Writing a 1 to this bit will cause the Output
Signal Paths Volume and Mute settings to
be updated simultaneously
8
OUT1L_MUTE
1
Output Path 1 (Left) Digital Mute
0 = Un-mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com