Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 184 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 184 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 180Page - Cirrus Logic WM8281ECS/R Datasheet HTML 181Page - Cirrus Logic WM8281ECS/R Datasheet HTML 182Page - Cirrus Logic WM8281ECS/R Datasheet HTML 183Page - Cirrus Logic WM8281ECS/R Datasheet HTML 184Page - Cirrus Logic WM8281ECS/R Datasheet HTML 185Page - Cirrus Logic WM8281ECS/R Datasheet HTML 186Page - Cirrus Logic WM8281ECS/R Datasheet HTML 187Page - Cirrus Logic WM8281ECS/R Datasheet HTML 188Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 392 page
background image
WM8281
184
Rev 4.0
OUTPUT SIGNAL PATH SAMPLE RATE CONTROL
The output signal paths are derived from the respective output mixers within the WM8281 digital core.
The sample rate for the output signal paths is configured using the OUT_RATE register - see Table
23
within the “Digital Core” section.
Note that sample rate conversion is required when routing the output signal paths to any signal chain
that is asynchronous and/or configured for a different sample rate.
OUTPUT SIGNAL PATH CONTROL
The SPKCLKn frequency of the PDM output paths (OUT5 and OUT6) is controlled by the respective
OUTn_OSR register, as described in Table 62. When the OUTn_OSR bit is set, the audio
performance is improved, but power consumption is also increased.
Note that the SPKCLKn frequencies noted in Table 62 assume that the SYSCLK frequency is a
multiple of 6.144MHz (SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448MHz
(SYSCLK_FRAC=1), then the SPKCLKn frequencies will be scaled accordingly.
CONDITION
SPKCLKn FREQUENCY
OUTn_OSR = 0
3.072MHz
OUTn_OSR = 1
6.144MHz
Table 62 SPKCLK Frequency
The WM8281 incorporates a stereo Ambient Noise Cancellation (ANC) processor which can provide
noise reduction in many different operating conditions. The noise cancellation signals can be mixed
into any of the output signal paths using the _ANC_SRC registers, as described in Table 63. See
“Ambient Noise Cancellation” for further details of the ANC function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040
(0410h)
Output
Path
Config 1L
11:10
OUT1L_ANC_SR
C [1:0]
00
OUT1L ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1044
(0414h)
Output
Path
Config 1R
11:10
OUT1R_ANC_SR
C [1:0]
00
OUT1R ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1048
(0418h)
Output
Path
Config 2L
11:10
OUT2L_ANC_SR
C [1:0]
00
OUT2L ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1052
(041Ch)
Output
Path
Config 2R
11:10
OUT2R_ANC_SR
C [1:0]
00
OUT2R ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1056
(0420h)
Output
Path
Config 3L
11:10
OUT3L_ANC_SR
C [1:0]
00
OUT3L ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com