Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 187 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 187 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 183Page - Cirrus Logic WM8281ECS/R Datasheet HTML 184Page - Cirrus Logic WM8281ECS/R Datasheet HTML 185Page - Cirrus Logic WM8281ECS/R Datasheet HTML 186Page - Cirrus Logic WM8281ECS/R Datasheet HTML 187Page - Cirrus Logic WM8281ECS/R Datasheet HTML 188Page - Cirrus Logic WM8281ECS/R Datasheet HTML 189Page - Cirrus Logic WM8281ECS/R Datasheet HTML 190Page - Cirrus Logic WM8281ECS/R Datasheet HTML 191Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 392 page
background image
WM8281
Rev 4.0
187
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
OUT1L_VOL [7:0]
80h
Output Path 1 (Left) Digital Volume
-64dB to +31.5dB in 0.5dB steps
00h = -64dB
01h = -63.5dB
… (0.5dB steps)
80h = 0dB
… (0.5dB steps)
BFh = +31.5dB
C0h to FFh = Reserved
(See Table 65 for volume range)
R1045
(0415h)
DAC
Digital
Volume
1R
9
OUT_VU
Output Signal Paths Volume Update
Writing a 1 to this bit will cause the Output
Signal Paths Volume and Mute settings to
be updated simultaneously
8
OUT1R_MUTE
1
Output Path 1 (Right) Digital Mute
0 = Un-mute
1 = Mute
7:0
OUT1R_VOL
[7:0]
80h
Output Path 1 (Right) Digital Volume
-64dB to +31.5dB in 0.5dB steps
00h = -64dB
01h = -63.5dB
… (0.5dB steps)
80h = 0dB
… (0.5dB steps)
BFh = +31.5dB
C0h to FFh = Reserved
(See Table 65 for volume range)
R1049
(0419h)
DAC
Digital
Volume 2L
9
OUT_VU
Output Signal Paths Volume Update
Writing a 1 to this bit will cause the Output
Signal Paths Volume and Mute settings to
be updated simultaneously
8
OUT2L_MUTE
1
Output Path 2 (Left) Digital Mute
0 = Un-mute
1 = Mute
7:0
OUT2L_VOL [7:0]
80h
Output Path 2 (Left) Digital Volume
-64dB to +31.5dB in 0.5dB steps
00h = -64dB
01h = -63.5dB
… (0.5dB steps)
80h = 0dB
… (0.5dB steps)
BFh = +31.5dB
C0h to FFh = Reserved
(See Table 65 for volume range)
R1053
(041Dh)
DAC
Digital
Volume
2R
9
OUT_VU
Output Signal Paths Volume Update
Writing a 1 to this bit will cause the Output
Signal Paths Volume and Mute settings to
be updated simultaneously
8
OUT2R_MUTE
1
Output Path 2 (Right) Digital Mute
0 = Un-mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com