Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 185 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 185 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 181Page - Cirrus Logic WM8281ECS/R Datasheet HTML 182Page - Cirrus Logic WM8281ECS/R Datasheet HTML 183Page - Cirrus Logic WM8281ECS/R Datasheet HTML 184Page - Cirrus Logic WM8281ECS/R Datasheet HTML 185Page - Cirrus Logic WM8281ECS/R Datasheet HTML 186Page - Cirrus Logic WM8281ECS/R Datasheet HTML 187Page - Cirrus Logic WM8281ECS/R Datasheet HTML 188Page - Cirrus Logic WM8281ECS/R Datasheet HTML 189Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 392 page
background image
WM8281
Rev 4.0
185
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1062
(0426h)
DAC
Volume
Limit 3R
11:10
OUT3R_ANC_SR
C [1:0]
00
OUT3R ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1064
(0428h)
Output
Path
Config 4L
11:10
OUT4L_ANC_SR
C [1:0]
00
OUT4L ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1068
(042Ch)
Output
Path
Config 4R
11:10
OUT4R_ANC_SR
C [1:0]
00
OUT4R ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1072
(0430h)
Output
Path
Config 5L
13
OUT5_OSR
0
Output Path 5 Oversample Rate
0 = Normal mode
1 = High Performance mode
11:10
OUT5L_ANC_SR
C [1:0]
00
OUT5L ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1076
(0434h)
Output
Path
Config 5R
11:10
OUT5R_ANC_SR
C [1:0]
00
OUT5R ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1080
(0438h)
Output
Path
Config 6L
13
OUT6_OSR
0
Output Path 6 Oversample Rate
0 = Normal mode
1 = High Performance mode
11:10
OUT6L_ANC_SR
C [1:0]
00
OUT6L ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
R1084
(043Ch)
Output
Path
Config 6R
11:10
OUT6R_ANC_SR
C [1:0]
00
OUT6R ANC Source Select
00 = Disabled
01 = ANC Left Channel
10 = ANC Right Channel
11 = Reserved
Table 63 Output Signal Path Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com