Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 179 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 179 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 175Page - Cirrus Logic WM8281ECS/R Datasheet HTML 176Page - Cirrus Logic WM8281ECS/R Datasheet HTML 177Page - Cirrus Logic WM8281ECS/R Datasheet HTML 178Page - Cirrus Logic WM8281ECS/R Datasheet HTML 179Page - Cirrus Logic WM8281ECS/R Datasheet HTML 180Page - Cirrus Logic WM8281ECS/R Datasheet HTML 181Page - Cirrus Logic WM8281ECS/R Datasheet HTML 182Page - Cirrus Logic WM8281ECS/R Datasheet HTML 183Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 392 page
background image
WM8281
Rev 4.0
179
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1507
(05E3h)
SLIMbus
Framer
Ref Gear
4
SLIMCLK_SRC
0
SLIMbus Clock source
Selects the SLIMbus reference clock in
Active Framer mode.
0 = SYSCLK
1 = ASYNCCLK
Note that the applicable clock must be
enabled, and configured at the SLIMbus
Root Frequency, in Active Framer mode.
3:0
SLIMCLK_REF_
GEAR [3:0]
4h
SLIMbus Clock Reference control.
Sets the SLIMbus reference clock relative
to the SLIMbus Root Frequency (RF).
0h = Clock stopped
1h = Gear 1 (RF / 512)
2h = Gear 2 (RF / 256)
3h = Gear 3 (RF / 128)
4h = Gear 4 (RF / 64)
5h = Gear 5 (RF / 32)
6h = Gear 6 (RF / 16)
7h = Gear 7 (RF / 8)
8h = Gear 8 (RF / 4)
9h = Gear 9 (RF / 2)
Ah = Gear 10 (RF)
All other codes are Reserved
Table 59 SLIMbus Clock Reference Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com