Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
Data Sheet
ADP1050
TEMPERATURE READING
The RTD pin (Pin 20) is set up for use with an external negative
temperature coefficient (NTC) thermistor. The RTD pin has an
internal programmable current source. An ADC monitors the
voltage on the RTD pin. The RTD ADC has an input range of
1.6 V. The raw data is stored in Register 0xFEAB. It is a 12-bit
reading, which means that the LSB size is 1.6 V/4096 = 390.625 μV.
Using Register 0xFE2D[7:6], an internal precision current source
can be configured to generate a 10 μA, 20 μA, 30 μA, or 40 μA
current. This current source can be trimmed, by means of an
internal DAC, to compensate for thermistor accuracy. To set the
current source to the factory default value of 46 μA, write 0xE6
to Register 0xFE2D.
The output of the RTD ADC is linearly proportional to the voltage
on the RTD pin; however, thermistors exhibit a nonlinear function
of resistance vs. temperature. Therefore, it is necessary to perform
postprocessing on the RTD ADC reading to accurately read the
temperature.
By connecting an external resistor in parallel with the NTC ther-
mistor, linearization is achieved. Figure 31 shows the RTD and
OTP operation. Using the factory default value of 46 μA and
the linearization scheme, the temperature, expressed in degrees
Celsius (°C), can be read directly via the READ_TEMPERATURE
command (Register 0x8D). The temperature reading is derived
from the RTD ADC output, and it is updated every 10 ms. The
ADP1050 implements a linearization scheme that is based on a
preselected combination of external components and current
selection (see the Temperature Linearization Scheme section).
Optionally, the user can process the RTD reading and perform
postprocessing in the form of a lookup table or polynomial
equation to match the specific NTC thermistor used.
In this case, the external resistor in parallel is not needed. With an
internal current source of 46 μA, the equation to calculate the
ADC code at a certain NTC value (RX) is given by the following
formula:
ADC CODE = 46 μA × RX/390.7 μV
For example, at 60°C, the NTC thermistor connected to the
RTD pin is 21.82 kΩ. Therefore,
RTD ADC CODE = 46 μA × 21.82 kΩ/390.7 μV = 2570
For the overtemperature function, the RTD threshold (in volts)
can be transferred through the OT_FAULT_LIMIT command in
Register 0x4F, using the linearization equations shown in the
Temperature Linearization Scheme section.
Alternatively, the temperature reading and overtemperature
protection function can be implemented by applying an external
analog temperature sensor, such as the STLM20. See Figure 30
for more information. Using this solution, the temperature sense
range can be as low as −40°C. To facilitate this approach, disable
the internal current source by writing 0x00 to Register 0xFE2D and
setting Register 0xFE2B[2]. The temperature reading in degrees
Celsius can be derived by the following formula:
T = 159.65 −
R2
R2
R1
CODE
ADC
+
×
92
.
29
where the ADC CODE is the reading in Register 0xFEAB[15:4].
The recommended values of R1 and R2 are 20 kΩ and 10 kΩ,
respectively.
RTD
RTD
ADC
RTD TEMPERATURE
VALUE REGISTER
R2
10kΩ
10µA/20µA/30µA/40µA
REG 0xFEAB[15:4]
R1
20kΩ
STLM20
VOUT
GND
Figure 30. Temperature Sensing by an Analog Temperature Sensor
RTD
RTD
ADC
100kΩ
NTC
OT_FAULT_LIMIT
REG 0x4F
RTD TEMPERATURE
VALUE REGISTER
OT_FAULT
RESPONSE
16.5kΩ
10µA/20µA/30µA/40µA
REG 0xFEAB[15:4]
SIGNAL
CONDITIONING
TEMPERATURE
VALUE IN
CELSIUS
READ_TEMPERATURE
REG 0x8D
OT_FAULT FLAG
REG 0x7D[7]
PGOOD
OT_FAULT_RESPONSE
REG 0x50
Figure 31. RTD and OTP Operation
Rev. A | Page 29 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com