Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
Data Sheet
ADP1050
Table 108. Register 0xFE0F—Debounce Time for Asserting PGOOD
Bits
Bit Name/Function
R/W
Debounce Time (ms)
7
VIN_UV_FAULT to assert PGOOD
R/W
0 = 0
1 = 1.3
6
IIN_OC_FAST_FAULT to assert PGOOD
R/W
0 = 0
1 = 1.3
5
Reserved
R/W
Reserved.
4
VOUT_OV_FAULT to assert PGOOD
R/W
0 = 0
1 = 1.3
3
VOUT_UV_FAULT to assert PGOOD
R/W
0 = 0
1 = 1.3
2
OT_FAULT to assert PGOOD
R/W
0 = 0
1 = 1.3
1
OT_WARNING to assert PGOOD
R/W
0 = 0
1 = 1.3
0
Reserved
R/W
Reserved.
SWITCHING FREQUENCY AND SYNCHRONIZATION REGISTERS
When synchronization is enabled, the ADP1050 takes the SYNI signal and adds the tSYNC_DELAY, together with a 760 ns propagation delay, to
generate the internal synchronization reference clock as shown in Figure 55. The ADP1050 uses the reference clock to generate its own clock.
760ns +
tSYNC_DELAY
t0
tS
CLOCKSYNC
SYNI
Figure 55. Synchronization Timing
Table 109. Register 0xFE11—Synchronization Delay Time
Bits
Bit Name/Function
R/W
Description
[7:0]
tSYNC_DELAY
R/W
Sets the additional delay of the synchronization reference clock to the rising edge of the SYNI signal.
Each LSB size is 40 ns.
Note that this delay time cannot exceed one switching period. If the PWM 180° phase shift is
enabled, this delay time cannot exceed half of one switching period.
Table 110. Register 0xFE12—Synchronization General Settings
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
Phase capture range
for synchronization
R/W
Sets the phase capture range. The ADP1050 detects the phase shift between the external and internal
clocks when synchronization is enabled. When the phase shift falls within the range, synchronization starts.
0 = phase capture range is ±3.125% (±11.25°).
1 = phase capture range is ±6.25% (±22.5°). This is the recommended setting.
[5:4]
Reserved
R/W
Reserved.
3
Enable
synchronization
R/W
This bit enables frequency synchronization as a slave device. The ADP1050 synchronizes with the external
clock through the SYNI/FLGI pin. Bit 0 = 0 if synchronization is enabled.
2
FLGI polarity
R/W
Sets the polarity for the SYNI/FLGI pin when the pin is programmed as FLGI.
0 = a high logic level on the SYNI/FLGI pin sets the FLAGIN flag; a low logic level clears the FLAGIN flag.
1 = a low logic level on the SYNI/FLGI pin sets the FLAGIN flag; a high logic level sets the FLAGIN flag.
1
FLAGIN flag
debounce time
R/W
0 = 0 μs debounce time for the FLAGIN flag.
1 = 100 μs debounce time for the FLAGIN flag.
0
SYNI/FLGI
pin function
selection
R/W
Configures the SYNI/FLGI pin as a flag input or a synchronization input. When SYNI is not enabled,
this bit must be set to 1.
0 = the SYNI/FLGI pin is used as the synchronization input (SYNI).
1 = the SYNI/FLGI pin is used as the flag input (FLGI).
Rev. A | Page 75 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com