Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
Data Sheet
ADP1050
VOUT_OV_FAULT_LIMIT
The VOUT_OV_FAULT_LIMIT command sets the threshold value for overvoltage protection of the output voltage.
Table 36. Register 0x40—VOUT_OV_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
16-bit unsigned integer Y value for linear mode format: X = Y × 2N.
N is defined by the VOUT_MODE command.
Note that the available OV protection limit value must be in the range of 75% to 150% of the
nominal output voltage.
VOUT_OV_FAULT_RESPONSE
The VOUT_OV_FAULT_RESPONSE command determines the fault response for the VOUT_OV_FAULT flag.
Table 37. Register 0x41—VOUT_OV_FAULT_RESPONSE
Bits
Bit Name/Function
R/W
Description
[7:6]
Response
R/W
00 = continues operation without interruption.
01 = continues operation for the debounce time (Delay Time 1) specified by Register 0xFE26[7:6]. If
the fault persists, retry the number of times specified by the retry setting of this command (Bits[5:3]).
10 = shuts down and responds according to the retry setting in Bits[5:3].
11 = the output is disabled while the fault is present. Operation resumes and the output is enabled
when the fault condition no longer exists.
[5:3]
Retry setting
R/W
000 = restart not attempted. The output remains disabled until the fault is cleared.
001 to 110 = attempts to restart the number of times set by these bits. If the ADP1050 fails to restart
in the allowed number of retries, the output is disabled and remains off until the fault is cleared. The
time between the start of each attempt to restart is set by the Delay Time 2 value in Bits[2:0], along
with the delay time unit specified for that particular fault.
111 = attempts to restart continuously, without limitation, until it is commanded off (by the CTRL pin
or the OPERATION command, or both), VDD is removed, or another fault condition causes the unit to
shut down.
[2:0]
Delay time
R/W
These bits set the delay time between the start of each attempt to restart.
Bit 2
Bit 1
Bit 0
Delay Time 2 (ms)
0
0
0
252
0
0
1
588
0
1
0
924
0
1
1
1260
1
0
0
1596
1
0
1
1932
1
1
0
2268
1
1
1
2604
VOUT_UV_FAULT_LIMIT
The VOUT_UV_FAULT_LIMIT command sets the threshold value for undervoltage protection of the output voltage.
Table 38. Register 0x44—VOUT_UV_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Bit Name/Function
[15:0]
Mantissa
R/W
16-bit unsigned integer Y value for linear format: X = Y × 2N.
N is defined by the VOUT_MODE command.
Rev. A | Page 59 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com