Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Data Sheet
ADP1050
Rev. A | Page 33 of 92
Figure 35 shows an example of CS1 cycle-by-cycle current-limit
timing, with the rising edge of OUTA as the blanking time
reference. When the CS1_OCP flag is set, it is not cleared until
the beginning of the next switching cycle.
CS1 CYCLE-BY-CYCLE
CURRENT LIMIT THRESHOLD
OUTA
CS1 PIN SIGNAL
COMPARATOR
OUTPUT
CS1_OCP FLAG
t0
tBLANKING
tBLANKING
tDEBOUNCING
tDEBOUNCING
tS
Figure 35. CS1 Cycle-by-Cycle Current-Limit Timing
When the CS1_OCP flag is triggered, Register 0xFE08[6:5] and
Register 0xFE0E[5:4] can be used to disable all PWM outputs for
the remainder of the switching cycle. They are reenabled at the
start of the next switching cycle. During one switching cycle, if
the rising edge of a PWM output occurs after the CS1_OCP flag
is triggered, the PWM remains enabled for the switching cycle.
To avoid current overstress of the body diode of the synchronous
rectifiers, the cycle-by-cycle current-limit actions of the SR1 and
SR2 outputs can be further programmed by Register 0xFE1E[1:0].
They can be programmed in the same way as the other PWM
outputs, or they can be programmed so that when the CS1_OCP
flag is triggered, the SR PWM output is turned on. There is a
145 ns to 180 ns delay (dead time) between the CS1_OCP flag
being triggered and the turning on of the SR PWM outputs.
The falling edges continue to follow the programmed value.
The cycle-by-cycle current limit is always activated regardless
of the IIN overcurrent fast protection settings. The comparator
output can be completely ignored by setting Register 0xFE1F[7].
IIN Overcurrent Fast Protection
N, an internal counter, is a positive integer or zero, with an initial
value of 0. The counters work as follows:
When the CS1_OCP flag is triggered in one cycle (the
CS1 OCP comparator is triggered high), N is counted as
NCURRENT = NPREVIOUS + 2.
If the CS1_OCP flag is not triggered in one cycle and
NPREVIOUS > 0, NCURRENT = NPREVIOUS − 1.
If the CS1_OCP flag is not triggered in one cycle and
NPREVIOUS = 0, NCURRENT = 0.
When the value of N reaches the limit specified by IIN_OC_
FAST_FAULT_LIMIT, the IIN_OC_FAST_FAULT flag is
triggered (see Figure 36).
CS1 CYCLE-BY-CYCLE CURRENT
LIMIT REFERENCE
CS1 SIGNAL
COMPARATOR
OUTPUT
IIN_OC_FAST_FAULT
FLAG REG 0xFEA0[5]
IIN_OC_FAST_FAULT
FLAG REG 0x7C[2]
IIN_OC_FAST_FAULT
FLAG REG 0xFEA3[5]
t0
tS
2
tS
3
tS
4
tS
5
tS
6
tS
7
tS
Figure 36. IIN Overcurrent Fast Fault Triggering
For the single-ended topologies, such as forward converter and
buck converter, a switching cycle consists of one cycle. For the
double-ended topologies, such as full bridge converter, half
bridge converter, and push pull converter, there are two cycles
in a switching cycle. The IIN_OC_FAST_FAULT_LIMIT bits
are in Register 0xFE1A[6:4]. In Figure 36, the IIN_OC_FAST_
FAULT_LIMIT value is set to 8.
The response of the IIN_OC_FAST_FAULT flag can be
programmed in the IIN_OC_FAST_FAULT_RESPONSE bits
(Register 0xFE00[3:0]). See the Manufacturer Specific Protection
Responses section and the register settings for the action details.
Matched Cycle-by-Cycle Current Limit in a Half Bridge
Converter
For the half bridge converter, the cycle-by-cycle current-limit
feature, described in the CS1 Cycle-by-Cycle Current Limit,
cannot guarantee the balance of duty cycles between two half
cycles in one switching cycle.
The imbalances of each half cycle can cause the center point voltage
of the capacitive divider to drift from VIN/2 toward either the ground
or the input voltage, VIN. This drift, in turn, can lead to output
voltage regulation failure, transformer saturation, and doubling of
the drain to source voltage (VDS) stress of the synchronous rectifiers.
To compensate for these imbalances, matched cycle-by-cycle
current limiting is implemented in the ADP1050 by forcing
each cycle to be equalized, or matched, to the previous one.
When the matched cycle-by-cycle current limit is triggered, the
duty cycle in the following half cycle exactly matches the actual
duty cycle in the preceding half cycle. However, the cycle-by-cycle
current limit is always the highest priority to terminate the PWM
channels. For example, if one previous cycle has a duty cycle of
20% under a cycle-by-cycle current-limit condition, also match the
following cycle to a duty cycle of 20%. However, if the cycle-by-
cycle current limit occurs in the following cycle and it must
terminate the PWM with a smaller duty cycle, the cycle-by-
cycle current limit takes higher priority and the duty cycle can
be a value that is smaller than 20%.
The matched cycle-by-cycle current limit is enabled by
Register 0xFE1D[6].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com