Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
ADP1050
Data Sheet
SOFT START AND SOFTWARE RESET REGISTERS
Table 100. Register 0xFE06—Software Reset Go Command
Bits
Bit Name/Function
R/W
Description
[7:1]
Reserved
R/W
Reserved.
0
Software reset go
W
This bit lets the user perform a software reset of the ADP1050. Setting this bit resets the device
with a restart delay period from the time the ADP1050 is turned off to the time ADP1050 restarts.
The restart delay is set using Register 0xFE07[1:0] .
Table 101. Register 0xFE07—Software Reset Settings
Bits
Bit Name/Function
R/W
Description
[7:3]
Reserved
R/W
Reserved.
2
Additional flag reenable
delay
R/W
This bit specifies whether an additional TON_DELAY value is added to the reenable delay after a
manufacturer specific flag is cleared and before the ADP1050 begins a soft start.
0 = no additional delay is added to the reenable delay.
1 = additional delay is added to the reenable delay. The delay time is specified in the
TON_DELAY command (Register 0x60).
[1:0]
Restart delay
R/W
These bits specify the delay from the time when a PSON signal is set to the time when the soft
start begins.
Bit 1
Bit 0
Restart Delay
0
0
0 ms
0
1
500 ms
1
0
1 sec
1
1
2 sec
Table 102. Register 0xFE08—Synchronous Rectifier (SR) Soft Start Settings
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
CS1 cycle-by-cycle current
limit to disable SR2
R/W
Setting this bit enables the CS1 cycle-by-cycle current limit to disable the SR2 output for the
remainder of the switching cycle when cycle-by-cycle current limiting occurs.
5
CS1 cycle-by-cycle current
limit to disable SR1
R/W
Setting this bit enables the CS1 cycle-by-cycle current limit to disable the SR1 output for the
remainder of the switching cycle when cycle-by-cycle current limiting occurs.
4
SR soft start setting
R/W
0 = the synchronous rectifiers perform a soft start only the first time that they are enabled.
1 = the synchronous rectifiers perform a soft start every time that they are enabled.
[3:2] SR soft start speed
R/W
When an SR PWM output is configured to turn on with soft start (using Bits [1:0]), the rising edge
of the output moves to the left in steps of 40 ns. These bits specify the number of switching
cycles that are required to move the SR PWM output in 40 ns.
Bit 3
Bit 2
SR Soft Start Timing
0
0
The SR PWM outputs change 40 ns in one switching cycle.
0
1
The SR PWM outputs change 40 ns in four switching cycles.
1
0
The SR PWM outputs change 40 ns in 16 switching cycles.
1
1
The SR PWM outputs change 40 ns in 64 switching cycles.
1
SR2 soft start
R/W
Setting this bit enables soft start for SR2.
0
SR1 soft start
R/W
Setting this bit enables soft start for SR1.
Rev. A | Page 72 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com