Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
ADP1050
Data Sheet
TON_DELAY
The TON_DELAY command sets the turn-on delay time in milliseconds (ms). Only the options in Table 44 are supported in the ADP1050.
Table 44. Register 0x60—TON_DELAY (Turn-On Delay Options Supported in the ADP1050)
Register Setting
Turn-On Delay Time (ms)
0000000000000000 (0x0000)
0
0000000000001010 (0x000A)
10
0000000000011001 (0x0019)
25
0000000000110010 (0x0032)
50
0000000001001011 (0x004B)
75
0000000001100100 (0x0064)
100
0000000011111010 (0x00FA)
250
0000001111101000 (0x03E8)
1000
Table 45. Register 0x60—TON_DELAY
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: X = Y × 2N.
TON_RISE
The TON_RISE command sets the turn-on rise time in milliseconds (ms). Only the values in Table 46 are supported in the ADP1050.
Table 46. Register 0x61—TON_RISE (Turn-On Rise Time Options Supported in the ADP1050)
Register Setting
Turn-On Rise Time (ms)
1100000000001101 (0xC00D)
0.05
1101000000001101 (0xD00D)
0.2
1111000000000111 (0xF007)
1.75
1111100000010101 (0xF815)
10.5
0000000000010101 (0x0015)
21
1111000010100001 (0xF0A1)
40.25
0000000000111100 (0x003C)
60
0000000001100100 (0x0064)
100
Table 47. Register 0x61—TON_RISE
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: X = Y × 2N.
TOFF_DELAY
The TOFF_DELAY command sets the turn-off delay time in milliseconds (ms). Only the values listed in Table 48 are supported in the ADP1050.
Table 48. Register 0x64—TOFF_DELAY (Turn-Off Delay Options Supported in the ADP1050)
Register Setting
Turn-Off Delay Time (ms)
0000000000000000 (0x0000)
0
0000000000110010 (0x0032)
50
0000000011111010 (0x00FA)
250
0000001111101000 (0x03E8)
1000
Table 49. Register 0x64—TOFF_DELAY
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: X = Y × 2N.
Rev. A | Page 62 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com