Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
Data Sheet
ADP1050
Table 103. Register 0xFE09—Soft Start Setting of Open-Loop Operation
Bits
Bit Name/Function
R/W
Description
7
Open-loop operation
soft start enable
R/W
Setting this bit enables the soft start of open-loop operation.
6
OUTA and OUTB edges
R/W
When this bit is set, the falling edges of OUTA and OUTB are always after the rising edges
in one cycle during the soft start of open-loop operation.
5
SR1 and SR2 edges
R/W
This bit is valid only when Bit 7 of this register is set to 1.
0 = the rising edges of SR1 and SR2 always occur after the falling edges in one cycle during
a soft start.
1 = the falling edges of SR1 and SR2 always occur after the rising edges in one cycle during
a soft start.
[4:3]
Soft start speed of open-loop
operation and open-loop
feedforward operation
R/W
When the ADP1050 is configured for open-loop operation, the falling edge of the PWM
output moves to the right in steps of 40 ns. When the ADP1050 is configured for open-
loop feedforward operation, the modulation edge of the PWM output moves from the
original position in steps of 40 ns. These bits specify how many switching cycles are
required to move the PWM outputs in 40 ns.
Bit 4
Bit 3
Open-Loop Soft Start Timing
0
0
The PWM outputs change 40 ns in one switching cycle
0
1
The PWM outputs change 40 ns in four switching cycles
1
0
The PWM outputs change 40 ns in 16 switching cycles
1
1
The PWM outputs change 40 ns in 64 switching cycles
2
Soft start variation for
open-loop operation
R/W
Setting this bit enables global variation during the soft start of open-loop operation.
1 = all outputs use the time variation calculated by OUTB (tF2 − tR2).
[1:0]
Reserved
R/W
Reserved.
BLANKING AND PGOOD SETTING REGISTERS
Table 104. Register 0xFE0B—Flag Blanking During Soft Start
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
Blank FLAGIN flag
R/W
0 = blank this flag during soft start.
1 = do not blank this flag during soft start.
5
Reserved
R/W
Reserved.
4
Blank VIN_UV_FAULT flag
R/W
0 = blank this flag during soft start.
1 = do not blank this flag during soft start.
3
Blank IIN_OC_FAST_FAULT
flag
R/W
0 = blank this flag during soft start.
1 = do not blank this flag during soft start.
2
Reserved
R/W
Reserved.
1
Blank CS3_OC_FAULT flag
R/W
0 = blank this flag during soft start.
1 = do not blank this flag during soft start.
0
Blank VOUT_OV_FAULT flag
R/W
0 = blank this flag during soft start.
1 = do not blank this flag during soft start.
Rev. A | Page 73 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com