Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
Data Sheet
ADP1050
READ_DUTY_CYCLE
The READ_DUTY_CYCLE command returns the duty cycle of the PWM output value in linear format.
Table 60. Register 0x94—READ_DUTY_CYCLE
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit N value for linear format: X = Y × 2N.
5-bit twos complement fixed at 10110 (−10 decimal).
[10:0]
Mantissa
R
11-bit twos complement Y value for linear format: X = Y × 2N.
READ_FREQUENCY
The READ_FREQUENCY command returns the switching frequency value in linear format.
Table 61. Register 0x95—READ_FREQUENCY
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit twos complement N value for linear format: X = Y × 2N.
[10:0]
Mantissa
R
11-bit twos complement Y value for linear format: X = Y × 2N.
READ_PMBUS_REVISION
The READ_PMBUS_REVISION command returns the PMBus version information. The ADP1050 supports PMBus Revision 1.2.
Reading of this command results in a value of 0x22.
Table 62. Register 0x98—READ_PMBUS_REVISION
Bits
Bit Name/Function
R/W
Description
[7:4]
Part1 revision
R
Compliant to PMBus specifications, part 1: 0010 = Revision 1.2.
[3:0]
Part2 revision
R
Compliant to PMBus specifications, part 2: 0010 = Revision 1.2.
MFR_ID
Table 63. Register 0x99—MFR_ID
Bits
Bit Name/Function
R/W
Description
[7:0]
MFR_ID
R/W
Reads/writes the ID information of the manufacturer, which can be saved in the EEPROM.
MFR_MODEL
Table 64. Register 0x9A—MFR_MODEL
Bit
Bit Name/Function
R/W
Description
[7:0]
MFR_MODEL
R/W
Reads/writes the model information of the manufacturer, which can be saved in the EEPROM.
MFR_REVISION
Table 65. Register 0x9B—MFR_REVISION
Bit
Bit Name/Function
R/W
Description
[7:0]
MFR_REVISION
R/W
Reads/writes the revision information of the manufacturer, which can be saved in the EEPROM.
IC_DEVICE_ID
Table 66. Register 0xAD—IC_DEVICE_ID
Bit
Bit Name/Function
R/W
Description
[15:0]
IC_DEVICE_ID
R
Reads the IC device ID (default value = 0x4151).
IC_DEVICE_REV
Table 67. Register 0xAE—IC_DEVICE_REV
Bits
Bit Name/Function
R/W
Description
[7:0]
IC_DEVICE_REV
R
Reads the IC revision information. The value is 0x20 in the current silicon.
Rev. A | Page 65 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com