Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
ADP1050
Data Sheet
STATUS_TEMPERATURE
Table 54. Register 0x7D—STATUS_TEMPERATURE
Bits
Bit Name/Function
R/W
Description
7
OT_FAULT
R
An overtemperature fault has occurred.
6
OT_WARNING
R
An overtemperature warning has occurred.
[5:0]
Reserved
R
Reserved.
STATUS_CML
Table 55. Register 0x7E—STATUS_CML
Bits
Bit Name/Function
R/W
Description
7
CMD_ERR
R
An invalid or unsupported command is received.
6
DATA_ERR
R
Invalid or unsupported data is received.
[5:2]
Reserved
R
Reserved.
1
COMM_ERR
R
Other communication fault is detected.
0
Reserved
R
Reserved.
READ_VIN
The READ_VIN command returns the input voltage value (in V) in linear format.
Table 56. Register 0x88—READ_VIN
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit twos complement N value for linear format: X = Y × 2N.
[10:0]
Mantissa
R
11-bit twos complement Y value for linear format: X = Y × 2N.
READ_IIN
The READ_IIN command returns the input current value (in A) in linear format.
Table 57. Register 0x89—READ_IIN
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit twos complement N value for linear format: X = Y × 2N.
[10:0]
Mantissa
R
11-bit twos complement Y value for linear format: X = Y × 2N.
READ_VOUT
The READ_VOUT command returns the output voltage value (in V) in linear format.
Table 58. Register 0x8B—READ_VOUT
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R
16-bit unsigned integer Y value for linear format: X = Y × 2N.
N is defined in the VOUT_MODE command.
READ_TEMPERATURE
The READ_TEMPERATURE command returns the temperature value (in °C) in linear format.
Table 59. Register 0x8D—READ_TEMPERATURE
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit N value for linear format: X = Y × 2N.
5-bit twos complement fixed at 00000.
[10:0]
Mantissa
R
11-bit twos complement Y value for linear format: X = Y × 2N.
Rev. A | Page 64 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com