Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
Data Sheet
ADP1050
CAPABILITY
This command summarizes the PMBus optional communication protocols supported by the ADP1050. The reading of this command
should result in 0x20.
Table 20. Register 0x19—CAPABILITY
Bits
Bit Name/Function
R/W
Description
[7]
Packet error
R
Checks the packet error capability of the device.
0 = not supported.
[6:5]
Maximum bus speed
R
Checks the PMBus speed capability of the device.
01 = maximum bus speed of 400 kHz.
4
SMBALERT
R
Checks support of the SMBALERT pin and the SMBus alert response protocol.
0 = not supported.
[3:0]
Reserved
R
Reserved.
VOUT_MODE
The VOUT_MODE command sets the data format for output voltage related data. The data byte for the VOUT_MODE command consists of
a 3-bit mode and 5-bit exponent parameter. The 3-bit mode determines whether the device uses linear format or direct format for the output
voltage related commands. The 5-bit parameter sets the exponent value for linear format.
Table 21. Register 0x20—VOUT_MODE
Bits
Bit Name/Function
R/W
Description
[7:5]
Mode
R
Output voltage data format. The value is fixed at 000, meaning that only linear format is
supported.
[4:0]
Exponent
R
The N value for the output voltage related commands in linear format: V = Y × 2N.
The value is fixed at 10110 (twos complement, −10 decimal). The exponent for linear format
values is −10.
VOUT_COMMAND
The VOUT_COMMAND command sets the output voltage. The VOUT_TRANSITION_RATE command is used if this command is
modified while the output is active and in a steady state condition. The maximum programmable output voltage is 64 V.
Table 22. Register 0x21—VOUT_COMMAND
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage reference value, in volts.
16-bit unsigned integer Y value for linear format: V = Y × 2N.
N is defined in the VOUT_MODE command.
VOUT_TRIM
The VOUT_TRIM command applies a fixed offset voltage to the output voltage command value. It is typically set by the user to trim the
output voltage at the time that the PMBus device is assembled into the system of the user. The trim range is −32 V to +32 V, and each LSB
resolution is 2−10 = 0.9765625 mV.
Table 23. Register 0x22—VOUT_TRIM
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage trim value.
16-bit twos complement Y value for linear format: V = Y × 2N.
N is defined in the VOUT_MODE command.
Rev. A | Page 53 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com