Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 88 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
Data Sheet
ADP1050
Table 154. Register 0xFE65—Current Value Update Rate Setting
Bits
Bit Name/Function
R/W
Description
[7:2]
Reserved
R/W
Reserved.
[1:0]
Current value
update rate
R/W
These bits specify the update rate for the current value of CS1 (READ_IIN command, Register 0x89).
By default, the current values are updated every 10 ms.
Bit 1
Bit 0
CS1 Value Update Rate (ms)
0
0
10 (defaut)
0
1
52
1
0
105
1
1
210
Table 155. Register 0xFE67—Open-Loop Operation Settings
Bits
Bit Name/Function
R/W
Description
7
Reserved
R
Reserved.
6
Pulse skipping mode enable
R/W
1 = enables pulse skipping mode. If the ADP1050 requires a modulation value that is
less than the threshold set by Register 0xFE69, pulse skipping is in use.
5
SR2 open-loop operation enable
R/W
This bit is set when SR2 is used in open-loop operation mode.
4
SR1 open-loop operation enable
R/W
This bit is set when SR1 is used in open-loop operation mode.
3
Reserved
R/W
Reserved.
2
Reserved
R/W
Reserved.
1
OUTB open-loop operation enable
R/W
This bit is set when OUTB is used in open-loop operation mode.
0
OUTA open-loop operation enable
R/W
This bit is set when OUTA is used in open-loop operation mode.
Table 156. Register 0xFE69—Pulse Skipping Mode Threshold
Bits
Bit Name/Function
R/W
Description
[7:0]
Pulse skipping mode
threshold
R/W
These bits set the modulation pulse width threshold for pulse skipping. Each LSB is 5 ns.
Table 157. Register 0xFE6A—CS3_OC_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Description
[7:0]
CS3_OC_FAULT_LIMIT
R/W
The eight MSB value of the CS3 value register in Register 0xFEA9 is compared with this 8-bit
number. If the 8 MSB value is greater, the CS3_OC_FAULT flag is set.
Table 158. Register 0xFE6B—Modulation Threshold for OVP Selection
Bits
Bit Name/Function
R/W
Description
[7:0]
Modulation threshold
for conditional
OVP responses
R/W
This value sets modulation threshold for conditional OVP response. When the real-time
modulation value is above this threshold, the LARGE_MODULATION flag in Register 0xFE6C[2] is set.
Switching Frequency Range (kHz)
Resolution Corresponding to LSB (ns)
49 to 87
80
97.5 to 184
40
195.5 to 379
20
390.5 to 625
10
Rev. A | Page 87 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com