Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
ADP1050
Data Sheet
PMBus COMMAND SET
Table 11. PMBus/SMBus Command List Overview
Command
Code
Command Name
PMBus/
SMBus
Transaction
Type
Number
of Data
Bytes
Default Value1 Description
0x01
OPERATION
R/W
1
0x00
Turns the unit on and off in conjunction with the
input from the CTRL pin.
0x02
ON_OFF_CONFIG
R/W
1
0x00
The combination of CTRL pin and serial bus
commands needed to turn the unit on and off.
0x03
CLEAR_FAULTS
Send byte
0
N/A
Clears all bits in the PMBus status registers
simultaneously.
0x10
WRITE_PROTECT
R/W
1
0x00
Protects against accidental writes to the PMBus
device. Reads are allowed.
0x12
RESTORE_DEFAULT_ALL
Send byte
0
N/A
Downloads the factory default settings from
EEPROM (Page 0) to registers.
0x15
STORE_USER_ALL
Send byte
0
N/A
Saves the user settings from the registers to the
EEPROM (Page 1).
0x16
RESTORE_USER_ALL
Send byte
0
N/A
Downloads the user settings from the EEPROM
(Page 1) to the registers.
0x19
CAPABILITY
R
1
0x20
Allows the host system to determine the capabilities
of the PMBus device.
0x20
VOUT_MODE
R
1
0x16
Sets/reads the formats for the output voltage
related commands.
0x21
VOUT_COMMAND
R/W
2
0x0000
Sets the output voltage to the commanded value.
0x22
VOUT_TRIM
R/W
2
0x0000
Applies a fixed offset voltage to the output voltage
command value.
0x23
VOUT_CAL_OFFSET
R/W
2
0x0000
Applies a fixed offset voltage to the output voltage
command value.
0x24
VOUT_MAX
R/W
2
0x0000
Sets an upper limit on the output voltage.
0x25
VOUT_MARGIN_HIGH
R/W
2
0x0000
Defines the voltage to which the output is set when
the OPERATION command is set to margin high.
0x26
VOUT_MARGIN_LOW
R/W
2
0x0000
Defines the voltage to which the output is set when
the OPERATION command is set to margin low.
0x27
VOUT_TRANSITION_RATE
R/W
2
0x7BFF
Sets the rate at which the output changes voltage.
0x29
VOUT_SCALE_LOOP
R/W
2
0x0001
The scale factor for setting the output voltage,
which is related to the resistor divider.
0x2A
VOUT_SCALE_MONITOR
R/W
2
0x0001
The scale factor for the READ_VOUT command,
which typically is the same as the
VOUT_SCALE_LOOP command.
0x33
FREQUENCY_SWITCH
R/W
2
0x0031
Sets the switching frequency of the output voltage.
0x35
VIN_ON
R/W
2
0x0000
Sets the input voltage at which the unit starts the
power conversion.
0x36
VIN_OFF
R/W
2
0x0000
Sets the input voltage at which the unit stops the
power conversion.
0x40
VOUT_OV_FAULT_LIMIT
R/W
2
0x0000
Sets the limit for triggering the VOUT_OV_FAULT flag.
0x41
VOUT_OV_FAULT_RESPONSE R/W
1
0x00
The fault response for the VOUT_OV_FAULT flag.
0x44
VOUT_UV_FAULT_LIMIT
R/W
2
0x0000
Sets the limit for triggering the VOUT_UV_FAULT
flag.
0x45
VOUT_UV_FAULT_RESPONSE R/W
1
0x00
The fault response for the VOUT_UV_FAULT flag.
0x4F
OT_FAULT_LIMIT
R/W
2
0x0000
Sets the limit for triggering the OT_FAULT flag.
0x50
OT_FAULT_RESPONSE
R/W
1
0x00
The fault response for the OT_FAULT flag.
0x5E
POWER_GOOD_ON
R/W
2
0x0000
Sets the output voltage at which an optional
POWER_GOOD signal is asserted.
0x5F
POWER_GOOD_OFF
R/W
2
0x0000
Sets the output voltage at which an optional
POWER_GOOD signal is negated.
Rev. A | Page 46 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com