Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 93 page
background image
Data Sheet
ADP1050
MANUFACTURER SPECIFIC EXTENDED COMMAND LIST
Table 12. Manufacturer Specific Extended Command List Overview
Address
Register Function
Flag Configuration Registers
0xFE00
IIN_OC_FAST_FAULT_RESPONSE
0xFE01
CS3_OC_FAULT_RESPONSE, extended VOUT_OV_FAULT_RESPONSE
0xFE02
VIN_UV_FAULT_RESPONSE
0xFE03
FLAGIN_RESPONSE
0xFE05
Flag reenable delay, VDD_OV_RESPONSE
Soft Start Software Reset Setting Registers
0xFE06
Software reset go command
0xFE07
Software reset settings
0xFE08
Synchronous rectifier (SR) soft start settings
0xFE09
Soft start setting of open-loop operation
Blanking and
PGOOD Setting Registers
0xFE0B
Flag blanking during soft start
0xFE0C
Volt-second balance blanking and SR disable during soft start
0xFE0D
PGOOD mask settings
0xFE0E
PGOOD flag debounce
0xFE0F
Debounce time for asserting
PGOOD
Switching Frequency and Synchronization Setting Registers
0xFE11
Synchronization delay time
0xFE12
Synchronization general settings
0xFE13
Dual-ended topology mode
Current Sense and Limit Setting Registers
0xFE14
CS1 gain trim
0xFE19
CS3 OC debounce
0xFE1A
IIN_OC_FAST_FAULT_LIMIT
0xFE1B
CS1 cycle-by-cycle current limit reference
0xFE1D
Matched cycle-by-cycle current-limit settings
0xFE1E
SR1 and SR2 response to cycle-by-cycle current limit
0xFE1F
CS1 cycle-by-cycle current-limit settings
Voltage Sense and Limit Setting Registers
0xFE20
VS gain trim
0xFE25
Prebias start-up enable
0xFE26
VOUT_OV_FAULT flag debounce
0xFE28
VF gain trim
0xFE29
VIN_ON and VIN_OFF delay
Temperature Sense and Protection Setting Registers
0xFE2A
RTD gain trim
0xFE2B
RTD offset trim (MSBs)
0xFE2C
RTD offset trim (LSBs)
0xFE2D
RTD current source settings
0xFE2F
OT hysteresis settings
Digital Compensator and Modulation Setting Registers
0xFE30
Normal mode compensator low frequency gain settings
0xFE31
Normal mode compensator zero settings
0xFE32
Normal mode compensator pole settings
0xFE33
Normal mode compensator high frequency gain settings
0xFE38
CS1 threshold for volt-second balance
0xFE39
Nominal modulation value for prebias startup
0xFE3A
SR driver delay
0xFE3B
PWM 180° phase shift settings
0xFE3C
Modulation limit
0xFE3D
Feedforward and soft start filter gain
Rev. A | Page 49 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com